Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3870-2.85V Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LD3870-2.85V
Description  LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD3870-2.85V Datasheet(HTML) 4 Page - Unisonic Technologies

  LD3870-2.85V Datasheet HTML 1Page - Unisonic Technologies LD3870-2.85V Datasheet HTML 2Page - Unisonic Technologies LD3870-2.85V Datasheet HTML 3Page - Unisonic Technologies LD3870-2.85V Datasheet HTML 4Page - Unisonic Technologies LD3870-2.85V Datasheet HTML 5Page - Unisonic Technologies LD3870-2.85V Datasheet HTML 6Page - Unisonic Technologies LD3870-2.85V Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UTC LD3870
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 4
QW-R102-027,B
Connect control terminal to VIN terminal
The quiescent current can be reduced by using a resistance “R”. Instead, it increases the minimum operating voltage.
For further information, please refer to Figure ”Output Voltage vs. Control Voltage”.
In use of ON/OFF CONTROL:
VIN
VOUT
CONTROL
NOISE
BYPASS
GND
(ceramic or tantalum)
R
VOUT
VIN
UTC LD3870
4.7 μF
Cp=0.01 μF
0.1 μF
State of control terminal:
* ”H”
Output is enables.
* ”L”or “open”
Output is disabled.
* Noise bypass Capacitance Cp
Noise bypass capacitance Cp reduces noise generated by hand-gap reference circuit.
Noise level and ripple rejection will be improved when larger Cp is used.
Use of smaller Cp value may cause oscillation.
Use the Cp value of 0.01uF greater to avoid the problem.


Similar Part No. - LD3870-2.85V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD3870 UTC-LD3870 Datasheet
204Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LD3870 ETL-LD3870 Datasheet
210Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LD3870 UTC-LD3870 Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
LD3870G-15-AF5-R UTC-LD3870G-15-AF5-R Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
LD3870G-18-AF5-R UTC-LD3870G-18-AF5-R Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - LD3870-2.85V

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com