Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39-F32B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # E39-F32B
Description  Fiber-Optic Accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

E39-F32B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  E39-F32B Datasheet HTML 1Page - List of Unclassifed Manufacturers E39-F32B Datasheet HTML 2Page - List of Unclassifed Manufacturers E39-F32B Datasheet HTML 3Page - List of Unclassifed Manufacturers E39-F32B Datasheet HTML 4Page - List of Unclassifed Manufacturers E39-F32B Datasheet HTML 5Page - List of Unclassifed Manufacturers E39-F32B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
E39
E39
5
E39-F2 Side View Attachment
These attachments provide 90 angle
viewing for through-beam cables. Use
then with E32-TC50, E32-TC200 and E32-
TC200C plastic filament cables and E32-
T61 glass filament cables. Screw each
piece onto the threaded tip of each
sensing head.
Note: This attachment does not increase sensing distance.
E39-F3 Diffuse Reflective Conversion Bracket
This bracket converts through-beam fiber
cables for diffuse reflective sensing. Use it
with E32-TC50, E32-TC200 and E32-
TC200C plastic filament cables. A set of
E39-F1 lenses are supplied with this
conversion bracket. To install, first remove
the mounting nuts from the fiber-optic
sensing heads. Then loosen the two set
screws on the bracket. Insert the sensing
ends through the bracket, then attach the
lenses. Tighten the two set screws to hold
the sensing heads in place. Mount the
bracket at the detection site, then loosen
the large center screw to adjust the angle.
When the angle that produces reliable
detection has been found, tighten the
screw to retain that angle.
E39-F3A Reflective Unit Lens (for E32-D32 Fiber)
When E39-F3A is attached to an E32-D32
fiber, adjust the focal point so that the
amplifier will not detect its own light
reflected from inside the E39-F3A.
Place the object to be detected or while
paper at the sensing distance, then adjust
the insertion depth of the fiber into the
E39-F3A so that the light spot is as small
as possible. Then fasten the sensing head
using the Allen head wrench supplied with
the E39-F3A.
In the example shown,
A = The focus is farther than the E39-F3A
B = The focus is closer than the E39-F3A.
E39-F5 Diffuse Reflective Side View Conversion Block
This reflective side view block may be
used with E32-TC200A plastic filament
fiber-optic cable only. It provides a 2 cm
(0.79 in) sensing distance. To install, first
remove mounting nuts and washers from
fiber-optic sensing head. Then, screw the
threaded heads as far as they will go onto
the mounting holes on the narrow side of
the block.


Similar Part No. - E39-F32B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-F32B OMRON-E39-F32B Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E39-F32B5 OMRON-E39-F32B5 Datasheet
432Kb / 6P
   Fiber-Optic Accessories
More results

Similar Description - E39-F32B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39 OMRON-E39 Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E39-F1-31 OMRON-E39-F1-31 Datasheet
432Kb / 6P
   Fiber-Optic Accessories
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com