Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5940PWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5940PWP
Description  16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5940PWP Datasheet(HTML) 2 Page - Texas Instruments

  TLC5940PWP Datasheet HTML 1Page - Texas Instruments TLC5940PWP Datasheet HTML 2Page - Texas Instruments TLC5940PWP Datasheet HTML 3Page - Texas Instruments TLC5940PWP Datasheet HTML 4Page - Texas Instruments TLC5940PWP Datasheet HTML 5Page - Texas Instruments TLC5940PWP Datasheet HTML 6Page - Texas Instruments TLC5940PWP Datasheet HTML 7Page - Texas Instruments TLC5940PWP Datasheet HTML 8Page - Texas Instruments TLC5940PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS.
TLC5940
SLVS515A – DECEMBER 2004 – REVISED AUGUST 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PACKAGE(1)
PART NUMBER
-40
°C to 85°C
28-pin HTSSOP PowerPAD™
TLC5940PWP
-40
°C to 85°C
32-pin 5 mm x 5 mm QFN
TLC5940RHB
-40
°C to 85°C
28-pin PDIP
TLC5940NT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VI
Input voltage range(2)
VCC
–0.3 V to 6 V
IO
Output current (dc)
130 mA
VI
Input voltage range
V(BLANK), V(DCPRG), V(SCLK), V(XLAT)
–0.3 V to VCC +0.3 V
V(SOUT), V(XERR)
–0.3 V to VCC +0.3 V
VO
Output voltage range
V(OUT0) to V(OUT15)
–0.3 V to 18 V
EEPROM program range
V(PRG)
–0.3 V to 24 V
EEPROM write cycles
50
HBM (JEDEC JESD22-A114, Human Body Model)
2 kV
ESD rating
CBM (JEDEC JESD22-C101, Charged Device Model)
500 V
Tstg
Storage temperature range
–55
°C to 150°C
TA
Operating ambient temperature range
–40
°C to 85°C
HTSSOP (PWP)(4)
31.58
°C/W
Package thermal impedance(3)
QFN (RHB)
35.9
°C/W
PDIP (NP)
48
°C/W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
With PowerPAD soldered on PCB with 2 oz. trace of copper. See SLMA002 for further information.
2


Similar Part No. - TLC5940PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5940PWP TI1-TLC5940PWP Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel LED Driver
TLC5940PWPG4 TI1-TLC5940PWPG4 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel LED Driver
TLC5940PWPR TI1-TLC5940PWPR Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel LED Driver
TLC5940PWPRG4 TI1-TLC5940PWPRG4 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel LED Driver
More results

Similar Description - TLC5940PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com