Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCA8014-H Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCA8014-H
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8014-H Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCA8014-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8014-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8014-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8014-H Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPCA8014-H
2004-6-25
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
(Tc=25℃)
Rth (ch-c)
2.78
°C/W
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2a)
Rth (ch-a)
44.6
°C/W
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2b)
Rth (ch-a)
78.1
°C/W
Marking (Note 5)
Note 1: Please use devices on condition that the channel temperature is below 150°C.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3: VDD = 24 V, Tch = 25°C (initial), L = 0.1 mH, RG = 25 Ω, IAR = 30 A
Note 4: Repetitive rating: pulse width limited by max channel temperature
Note 5:
(a)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
(b)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
* Weekly code: (Three digits)
Week of manufacture
(01 for first week of year, continues up to 52 or 53)
Year of manufacture
(One low-order digits of calendar year)
Type
TPCA
8014-H
Lot No.


Similar Part No. - TPCA8014-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8014-H TOSHIBA-TPCA8014-H Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
logo
VBsemi Electronics Co.,...
TPCA8014-H VBSEMI-TPCA8014-H Datasheet
1Mb / 7P
   N-Channel 40 V (D-S) MOSFET
logo
Toshiba Semiconductor
TPCA8014-H TOSHIBA-TPCA8014-H_06 Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
More results

Similar Description - TPCA8014-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCA8004-H TOSHIBA-TPCA8004-H Datasheet
296Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCM8001-H TOSHIBA-TPCM8001-H_07 Datasheet
306Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8003-H TOSHIBA-TPCP8003-H Datasheet
248Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPC8009-H TOSHIBA-TPC8009-H Datasheet
185Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPC8010-H TOSHIBA-TPC8010-H Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPC6109-H TOSHIBA-TPC6109-H Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8103-H TOSHIBA-TPCP8103-H Datasheet
212Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra High speed U-MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com