Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7407DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7407DN
Description  P-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7407DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7407DN Datasheet HTML 1Page - Vishay Siliconix SI7407DN Datasheet HTML 2Page - Vishay Siliconix SI7407DN Datasheet HTML 3Page - Vishay Siliconix SI7407DN Datasheet HTML 4Page - Vishay Siliconix SI7407DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si7407DN
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71912
S-22122—Rev. B, 25-Nov-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -400 mA
-0.40
-1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
VDS = -9.6 V, VGS = 0 V
-1
m
Zero Gate Voltage Drain Current
IDSS
VDS = -9.6 V, VGS = 0 V, TJ = 85_C
-5
mA
On-State Drain Currenta
ID(on)
VDS v -5 V, VGS = -4.5 V
-30
A
VGS = -4.5 V, ID = -15.6 A
0.009
0.012
Drain-Source On-State Resistancea
rDS(on)
VGS = -2.5 V, ID = -13.5 A
0.013
0.016
W
DS(on)
VGS = -1.8 V, ID = -5 A
0.019
0.024
Forward Transconductancea
gfs
VDS = -6 V, ID = -15.6 A
52
S
Diode Forward Voltagea
VSD
IS = -3.2 A, VGS = 0 V
-0.7
-1.2
V
Dynamicb
Total Gate Charge
Qg
39
59
Gate-Source Charge
Qgs
VDS = -6 V, VGS = -4.5 V, ID = -15.6 A
6
nC
Gate-Drain Charge
Qgd
11
Turn-On Delay Time
td(on)
30
45
Rise Time
tr
VDD = -6 V, RL = 6 W
50
75
Turn-Off Delay Time
td(off)
VDD = -6 V, RL = 6 W
ID ^ -1 A, VGEN = -4.5 V, RG = 6 W
200
300
ns
Fall Time
tf
165
250
Source-Drain Reverse Recovery Time
trr
IF = -3.2 A, di/dt = 100 A/ms
60
90
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
5
10
15
20
25
30
0.0
0.4
0.8
1.2
1.6
2.0
0
5
10
15
20
25
30
01234
VGS = 5 thru 2 V
25
_C
TC = 125_C
1 V
-55
_C
1.5 V
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI7407DN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SI7401DN AD-SI7401DN Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
logo
Vishay Siliconix
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
logo
Analog Devices
Si7401DN AD-Si7401DN Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
logo
Vishay Siliconix
SI7401DN-RC VISHAY-SI7401DN-RC Datasheet
239Kb / 3P
   R-C Thermal Model Parameters
Revision 03-Mar-06
SI7402DN VISHAY-SI7402DN Datasheet
75Kb / 5P
   N-Channel 12-V (D-S) MOSFET
Rev. A, 08-Dec-03
More results

Similar Description - SI7407DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com