Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9460S Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # STAC9460S
Description  Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9460S Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STAC9460S Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 11Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
2-9460-D1-1-0-0801
9
STAC9460/62
Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
PRELIMINARY
INFORMATION
8/2 4 /0 1
5. SERIAL INTERFACE
Below is the figure for the serial interface between the STAC9460/62 and a
µC or
µP. All register settings and chip control are performed via this serial interface,
except for the address LSB.
Note: This functions as a standard 2-wire I2C compatible interface, however, the CS
(chip select) line offers address flexibility and must be either hard wired to ground or
tied to Vdd if no other chips are connected to the bus. Refer to Table 7.1.1 on page 14
for additional information.
5.1.
Clocking
The STAC9460/62 derives its clock from an externally connected clock through the
MCLK pin in combination with the Master CLocking Register, which is further
explained in section 7.1.9.
5.2.
Reset
There are two types of resets as detailed below:
A hard reset is achieved by driving the reset line low
A soft reset is achieved by writing to the Reset/Status register (00h)
By writing to the Reset/Status Register (00h) a reset for the Address Control Regis-
ter will occur. Writing any value to this register performs a register reset, which
causes all registers to revert to their default values. This soft reset will also place the
I2C state machine in a "stop" condition, and will not continue to auto-increment
through the address space. Additional information about the Address Control Reg-
ister can be found in section 7.1.12.
µC /µ P
S T A C 94 60
SD AT A
CS
SCLK
MC LK
Figure 3. Serial interface to microcontroller or microprocessor


Similar Part No. - STAC9460S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - STAC9460S

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com