Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9462S Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # STAC9462S
Description  Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9462S Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button STAC9462S Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9462S Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9462S Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9462S Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9462S Datasheet HTML 11Page - List of Unclassifed Manufacturers STAC9462S Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9462S Datasheet HTML 13Page - List of Unclassifed Manufacturers STAC9462S Datasheet HTML 14Page - List of Unclassifed Manufacturers STAC9462S Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
2-9460-D1-1-0-0801
11
STAC9460/62
Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
PRELIMINARY
INFORMATION
8/2 4 /0 1
6.2.
Single Line Format
The Single line data mode for the STAC9460 allows data all six channels to be input to the
chip on a single SDATA_IN line, SD1 (Pin 15) and output to all six analog outs (Pins 23-
28). The ADC data will be valid during the first 20 SCLK cycles following a D_LRCLK tran-
sition.
6.3.
I2C-Bus Interface
The I2C-Bus of the STAC9460 operates in compliance with the I2C-Bus Interface Specifi-
cation from Philips Semiconductor. The I2C-Bus for the STAC9460 does include an Auto-
Increment feature not identified by the Phillips specification. For Example, a typical write
would have the following format:
START....Chip Address (8 bits)....Register Address(8
bits)....Data(Register Address 8 bits)....Data (Register Address +1 8 bits)....Data (Register
Address +2 8 bits)....STOP. The addresses will increment through the end of the address
space or until a "STOP" condition (as per I2C spec) is received by the part. For detailed
information relating to the I2C, please reference the I2C-Bus Interface Specification from
Philips Semiconductor. Additional information for the Address Registers can be found in
section 7.1.12
Bits/Sample
SCLK Rate
Notes
20
128 Fs
6 inputs, 2 outputs, BRM only
Table 2. Single Line 20 Bit Data Mode, Data Valid on Rising Edge of SCLK
Figure 7. Single Line 20 Bit Data Mode Timing Diagram
Left Channel
Right Channel
LRCK
SCLK
SDIN 1/2/3
SDATA_OUT
-1
+1
-1
M
S
B
-1
+1
-1
+1
+1
-1
+1
-1
+1
M
S
B
M
S
B
M
S
B
M
S
B
M
S
B
L
S
B
L
S
B
L
S
B
L
S
B
L
S
B
L
S
B
Front
Front
Rear
Rear
Center
Bass
SCL
SDA
Stop
Start
Start
Stop
Repeated
t
buf
t
hdst
t
high
t
hdst
t
f
t
susp
t
r
t
sust
t
sud
t
hdd
t
low
Figure 8. I2C Timing Diagram


Similar Part No. - STAC9462S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - STAC9462S

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com