Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66307FP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M66307FP
Description  LINE SCAN BUFFER with 16-BIT MPU BUS COMPATIBLE INPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66307FP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M66307FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M66307FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
MITSUBISHI
〈DIGITAL ASSP〉
M66307SP/FP
LINE SCAN BUFFER with 16-BIT MPU BUS COMPATIBLE INPUTS
2
0
2
0
0
2
2
B4
0
1
0
1
0
B6
0
0
0
0
1
B5
0
0
1
1
0
Divide ratio
1
1/2
1/4
1/8
1/16
φ CLK FLAG
Valid when D11=1– Divide retio setting bit (See Table 2).
Toggle extension flag(1=toggle; 0=normal use)
Invalid when D4=1–32-bit extension flag (1=32; 0=16-bit bus)
DREQ mode flag(1=DREQ mode;
0=not DREQ mode)
Fixed beginning data output flag (1=output;
0=not output)
Fixed data polarity flag (1=High; 0=Low)
Initialization command
D15D14D13D12
1000
F7 B6 B5 B4
0
0
0
F6 F5 F4 F3 F2
D11D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Mode
register
DREQ words setting command
(valid when F4=1)
0111
0
0
0 A8 A7 A6 A5 A4 A3 A2 A1 A0
Number of DMA transfer words
Mode
register
0110
E11E10 E9 E8 E7 E6 E5 E4 E3 E2 E1 E0
Fixed beginning data length setting command
(valid when F3=1)
Number of fixed beginning data output bits
Fixed
beginning
data
length
register
0100
0
0
0
0
0
0
0
0
0
0
F1 F0
Output format setting command
LIFO/FIFO flag (1=LIFO; 0=FIFO output)
LSB/MSB-first flag (1=LSB; 0=MSB-first output)
DREQ
words
register
0011
0
0
0 W8 W7 W6 W5 W4 W3 W2 W1 W0
One line fixed data setting command
0010
0
0
0
0
0
0
0
0
0
0
0
0
Transmit repeat request command (Note 2)
One line fixed data output line length
0000
0
0
0
0
0
0
0
0
0
B2 B1 B0
Operation mode setting command
Operation mode setting bits (See Table 3.)
1111
0
0
0
0
0
0
0
0
0
0
0
0
Stop command
Mode
register
(1=
φ IN, 0=CLK IN)
0
0
0
0
0
1
1
0
0
0
0
1
0
1
0
1
0
1
1
0
0
Write mode
Send mode
Write mode
First word
Second word
First word
Second word
Send mode
Mode inversion
Exten-
ded
use
Normal use
Bit
Item
32 bits
Toggle
1
1
B3
B2
B1
B0
1 : Store the first
word, then
store the
second word.
2 : DREQ mask bit
(Refer to
description of
commands.)
Note 1) The default values of flags (F0-F7) and bits (B0-B6) are zero (0).
2) When using an extended system, store the second word of the operation mode setting command following the transmit
repeat request command.
3) It is impossible to control mode inversion with operation mode setting command and extended toggle input (TOG)
together.
Table 2. Divide Ratio Setting
Table 3. Operation Mode Setting
Fig. 4
Register configuration of M66307


Similar Part No. - M66307FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66307FP RENESAS-M66307FP Datasheet
4Mb / 23P
   LINE SCAN BUFFER WITH 16-BIT MPU BUS COMPATIBLE INPUTS
More results

Similar Description - M66307FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66307SP RENESAS-M66307SP Datasheet
4Mb / 23P
   LINE SCAN BUFFER WITH 16-BIT MPU BUS COMPATIBLE INPUTS
logo
Toshiba Semiconductor
TC74LCX16244AFT TOSHIBA-TC74LCX16244AFT Datasheet
252Kb / 7P
   LOW-VOLTAGE 16-BIT BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX16244FT TOSHIBA-TC74VCX16244FT Datasheet
333Kb / 9P
   LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX162244FT TOSHIBA-TC74VCX162244FT Datasheet
335Kb / 9P
   LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX16244FT TOSHIBA-TC74LCX16244FT_07 Datasheet
184Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT Datasheet
141Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX162541 STMICROELECTRONICS-74LCX162541 Datasheet
246Kb / 15P
   Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs
logo
Toshiba Semiconductor
TC74LCX16240AFT TOSHIBA-TC74LCX16240AFT Datasheet
252Kb / 7P
   LOW-VOLTAGE 16-BIT BUS BUFFER(INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com