Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1308DR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1308DR2G
Description  PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1308DR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1308DR2G Datasheet HTML 1Page - ON Semiconductor NCP1308DR2G Datasheet HTML 2Page - ON Semiconductor NCP1308DR2G Datasheet HTML 3Page - ON Semiconductor NCP1308DR2G Datasheet HTML 4Page - ON Semiconductor NCP1308DR2G Datasheet HTML 5Page - ON Semiconductor NCP1308DR2G Datasheet HTML 6Page - ON Semiconductor NCP1308DR2G Datasheet HTML 7Page - ON Semiconductor NCP1308DR2G Datasheet HTML 8Page - ON Semiconductor NCP1308DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCP1308
http://onsemi.com
2
Figure 1. Typical Application Schematic
1
8
2
3
4
6
5
7
NCP1308
+
Universal
Network
R*
+
12 V @ 1 A
GND
+
Y1 Type
*Please refer to the application information section.
PIN FUNCTION DESCRIPTION
Pin
Symbol
Function
Description
1
Dmg
Core reset detection
The auxiliary FLYBACK signal ensures discontinuous operation.
2
FB
Sets the peak current setpoint
By connecting an optocoupler to this pin, the peak current setpoint is adjusted
accordingly to the output power demand. By bringing this pin below the internal
skip level, the device shuts off.
3
CS
Current sense input and skip
cycle level selection
This pin senses the primary current and routes it to the internal comparator via an
LEB By inserting a resistor in series with the pin, you control the level at which the
skip operation takes place.
4
GND
The IC ground
5
Drv
Driving pulses
The driver’s output to an external MOSFET.
6
VCC
Supplies the IC
This pin is connected to an external bulk capacitor of typically 10
mF. If an auxiliary
winding brings this pin above 16 V typical, the circuit permanently latches off.
7
NC
This unconnected pin ensures adequate creepage distance.
8
HV
High−voltage pin
Connected to the high−voltage rail, this pin injects a constant current into the VCC
bulk capacitor.


Similar Part No. - NCP1308DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1308 ONSEMI-NCP1308 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1308 ONSEMI-NCP1308 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
More results

Similar Description - NCP1308DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1378 ONSEMI-NCP1378_06 Datasheet
284Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
October, 2006 ??Rev. 4
NCP1377 ONSEMI-NCP1377_06 Datasheet
302Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
October, 2006 ??Rev. 7
NCP1337 ONSEMI-NCP1337 Datasheet
138Kb / 14P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
July, 2006 ??Rev. 2
NCP1207A ONSEMI-NCP1207A_06 Datasheet
327Kb / 17P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
October, 2006 ??Rev. 3
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207-D ONSEMI-NCP1207-D Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1207B ONSEMI-NCP1207B Datasheet
254Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_15 Datasheet
195Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
October, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com