3 / 4 page
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4234, REV. -
MECHANICAL DIMENSIONS
TO-257
12
3
.200
.190
(5.08
4.82)
.045
.035
(1.14
0.89)
.120(3.05) BSC
.430
.410
(10.92
10.41)
.420
.410
(10.67
10.41)
.665
.645
(16.89
16.38)
.537
.527
(13.64
13.39)
1.132
1.032
(28.75
26.21)
.035
.025
(0.89
0.63)
3 Places
.100(2.54) BSC
2 Places
.150
.140
(3.81
3.56)
Dia.
PINOUT TABLE
TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
DUAL RECTIFIER/COMMON CATHODE (P)
ANODE 1
COMMON
CATHODE
ANODE 2
DUAL RECTIFIER/COMMON ANODE (N)
CATHODE 1
COMMON
ANODE
CATHODE 2
DUAL RECTIFIER/DOUBLER (D)
ANODE
ANODE/
CATHODE
CATHODE
SCHEMATIC
1
2
3
1
2
3
1
2
3
3
2
1
SINGLE
COMMON CATHODE
COMMON ANODE
DOUBLER
Application Note: Customers should be aware that at the current stage of technical development of SiC, the reverse avalanche
capabilities of the device are limited.
Customer designs will need to accommodate these limitations and avoid exposure of the device to this and other potentially
damaging conditions in their applications.
SHD626150
SHD626150D
SHD626150N
SHD626150P