Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC42S16101-5TIG Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IC42S16101-5TIG
Description  512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S16101-5TIG Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IC42S16101-5TIG Datasheet HTML 1Page - Integrated Circuit Solution Inc IC42S16101-5TIG Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S16101-5TIG Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S16101-5TIG Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S16101-5TIG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S16101-5TIG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S16101-5TIG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S16101-5TIG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S16101-5TIG Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
IC42S16101
Integrated Circuit Solution Inc.
3
DR025-0F 01/17/2005
60-BALL VF-BGA ( 16M SDRAM )
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
VSS
A4
A6
A5
A8
A7
A11
A9
CKE
NC
NC
CLK
NC
UDQM
NC
NC
A3
VDD
A2
A1
A0
A10
NC
NC
NC
CS
RAS
CAS
LDQM
WE
NC
NC
DQ8
NC
DQ9
VDDQ
DQ10
VSSQ
DQ12
DQ11
DQ13
VDDQ
NC
DQ7
VSSQ
DQ6
VDDQ
DQ5
DQ4
DQ3
VSSQ
DQ2
DQ14
VSSQ
VSS
DQ15
VDDQ
DQ1
DQ0
VDD
7
6
5
4
3
2
1
PIN DESCRIPTIONS
A0 - A10
Address
Row Address : RA0 - RA11, Column Address : CA0 - CA7
Auto-precharge flag : A10
A11
Bank Address
Selects bank to be activated during RAS activity
Selects bank to be read/written during CAS activity
DQ0 - DQ15
Data Input/Output
Multiplexed data input / output pin
CLK
Clock
The system clock input.All other inputs are registered to the SDRAM
on the rising edge of CLK
CKE
Clock Enable
Controls internal clock signal and when deactivated,the SDRAM will
be one of the states among power down,suspend or self refresh
CS
Chip Select
Enables or disables all inputs except CLK, CKE and DQM
RAS
Row Address Strobe
RAS,CAS and WE define the operation
CAS
Column Address Strobe
Refer function truth table for details
WE
Write Enable
LDQM,UDQM
Data Input/Output Mask
Controls output buffers in read mode and masks input data in write
mode
VDD/VSS
Power Supply/Ground
Power supply for internal circuits and input buffers
VDDQ/VSSQ
Data Output Power/Ground
Power supply for output buffers
NC
No Connection
No Connection


Similar Part No. - IC42S16101-5TIG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5T ICSI-IC42S16100-5T Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TG ICSI-IC42S16100-5TG Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TI ICSI-IC42S16100-5TI Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TIG ICSI-IC42S16100-5TIG Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IC42S16101-5TIG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Ceramate Technical
50S116T CERAMATE-50S116T Datasheet
1Mb / 22P
   SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
logo
Winbond
W9816G6JB WINBOND-W9816G6JB Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
logo
List of Unclassifed Man...
VT361716 ETC-VT361716 Datasheet
126Kb / 11P
   512K X 2 BANKS X 16 BITS SDRAM
logo
Winbond
W9816G6JH WINBOND-W9816G6JH Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6BB WINBOND-W9816G6BB Datasheet
1Mb / 43P
   512K x 2 BANKS x 16 BITS SDRAM
W9816G6JB-6-TR WINBOND-W9816G6JB-6-TR Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6JH-5-TR WINBOND-W9816G6JH-5-TR Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com