Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC42S16101-6BIG Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC42S16101-6BIG
Description  512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S16101-6BIG Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC42S16101-6BIG Datasheet HTML 1Page - Integrated Circuit Solution Inc IC42S16101-6BIG Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S16101-6BIG Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S16101-6BIG Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S16101-6BIG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S16101-6BIG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S16101-6BIG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S16101-6BIG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S16101-6BIG Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
IC42S16101
Integrated Circuit Solution Inc.
5
DR025-0F 01/17/2005
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VCC MAX
Maximum Supply Voltage
–1.0 to +4.6
V
VCCQ MAX
Maximum Supply Voltage for Output Buffer
–1.0 to +4.6
V
VIN
Input Voltage
–1.0 to +4.6
V
VOUT
Output Voltage
–1.0 to +4.6
V
PD MAX
Allowable Power Dissipation
1
W
ICS
Output Shorted Current
50
mA
TOPR
Operating Temperature
0 to +70
°C
TSTG
Storage Temperature
–55 to +150
°C
DC RECOMMENDED OPERATING CONDITIONS(2) (At TA = 0 to +70°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC, VCCQ
Supply Voltage
3.0
3.3
3.6
V
VIH
Input High Voltage(3)
2.0
VDD + 0.3
V
VIL
Input Low Voltage(4)
-0.3
+0.8
V
CAPACITANCE CHARACTERISTICS(1,2) (At TA = 0 to +25°C, Vcc = VccQ = 3.3 ± 0.3V, f = 1 MHz)
Symbol
Parameter
Typ.
Max.
Unit
CIN1
Input Capacitance: A0-A11
4
pF
CIN2
Input Capacitance: (CLK, CKE, CS, RAS, CAS, WE, LDQM, UDQM)
4
pF
CI/O
Data Input/Output Capacitance: I/O0-I/O15
5
pF
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. All voltages are referenced to GND.
3. VIH (max) = VCCQ + 2.0V with a pulse width
≤ 3 ns.
4. VIL (min) = GND – 2.0V with a pulse < 3 ns and -1.5V with a pulse < 5ns.


Similar Part No. - IC42S16101-6BIG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5T ICSI-IC42S16100-5T Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TG ICSI-IC42S16100-5TG Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TI ICSI-IC42S16100-5TI Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TIG ICSI-IC42S16100-5TIG Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IC42S16101-6BIG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Ceramate Technical
50S116T CERAMATE-50S116T Datasheet
1Mb / 22P
   SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
logo
Winbond
W9816G6JB WINBOND-W9816G6JB Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
logo
List of Unclassifed Man...
VT361716 ETC-VT361716 Datasheet
126Kb / 11P
   512K X 2 BANKS X 16 BITS SDRAM
logo
Winbond
W9816G6JH WINBOND-W9816G6JH Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6BB WINBOND-W9816G6BB Datasheet
1Mb / 43P
   512K x 2 BANKS x 16 BITS SDRAM
W9816G6JB-6-TR WINBOND-W9816G6JB-6-TR Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6JH-5-TR WINBOND-W9816G6JH-5-TR Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com