Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61LV6432-8PQ Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # IC61LV6432-8PQ
Description  64K x 32 Pipelined Sync. SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

IC61LV6432-8PQ Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button IC61LV6432-8PQ Datasheet HTML 5Page - Integrated Circuit Systems IC61LV6432-8PQ Datasheet HTML 6Page - Integrated Circuit Systems IC61LV6432-8PQ Datasheet HTML 7Page - Integrated Circuit Systems IC61LV6432-8PQ Datasheet HTML 8Page - Integrated Circuit Systems IC61LV6432-8PQ Datasheet HTML 9Page - Integrated Circuit Systems IC61LV6432-8PQ Datasheet HTML 10Page - Integrated Circuit Systems IC61LV6432-8PQ Datasheet HTML 11Page - Integrated Circuit Systems IC61LV6432-8PQ Datasheet HTML 12Page - Integrated Circuit Systems IC61LV6432-8PQ Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
IC61LV6432
Integrated Circuit Solution Inc.
9
SSR005-0A
02/02/2004
READ CYCLE SWITCHING CHARACTERISTICS (Over Operating Range)
-166
-133
-117
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max
Unit
tKC
CycleTime
6
7.5
8.5
ns
tKH
ClockHighTime
2.4
2.8
3
ns
tKL
ClockLowTime
2.4
2.8
3
ns
tKQ
ClockAccessTime
5
5
5
ns
tKQX(2)
ClockHightoOutputInvalid
1.5
1.5
1.5
ns
tKQLZ(2,3)
ClockHightoOutputLow-Z
0
0
0
ns
tKQHZ(2,3)
ClockHightoOutputHigh-Z
1.5
5
1.5
5
1.5
6
ns
tOEQ
OutputEnabletoOutputValid
5
5
5
ns
tOEQX(2)
OutputDisabletoOutputInvalid
0
0
0
ns
tOELZ(2,3)
OutputEnabletoOutputLow-Z
0
0
0
ns
tOEHZ(2,3)
OutputDisabletoOutputHigh-Z
3
3
4
ns
tAS
AddressSetupTime
2.5
2.5
2.5
ns
tSS
AddressStatusSetupTime
2.5
2.5
2.5
ns
tWS
WriteSetupTime
2.5
2.5
2.5
ns
tCES
ChipEnableSetupTime
2.5
2.5
2.5
ns
tAVS
AddressAdvanceSetupTime
2.5
2.5
2.5
ns
tAH
AddressHoldTime
0.5
0.5
0.5
ns
tSH
AddressStatusHoldTime
0.5
0.5
0.5
ns
tWH
WriteHoldTime
0.5
0.5
0.5
ns
tCEH
ChipEnableHoldTime
0.5
0.5
0.5
ns
tAVH
AddressAdvanceHoldTime
0.5
0.5
0.5
ns
tCFG(4)
ConfigurationSetup
25
30
35
ns
Notes:
1. ADVANCE INFORMATION ONLY.
2. Guaranteed but not 100% tested. This parameter is periodically sampled.
3. Tested with load in Figure 2.
4. Configuration signal MODE is static and must not change during normal operation.


Similar Part No. - IC61LV6432-8PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV6416 ICSI-IC61LV6416 Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV6416-10B ICSI-IC61LV6416-10B Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV6416-10BI ICSI-IC61LV6416-10BI Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV6416-10K ICSI-IC61LV6416-10K Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV6416-10KI ICSI-IC61LV6416-10KI Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
More results

Similar Description - IC61LV6432-8PQ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1329G CYPRESS-CY7C1329G Datasheet
322Kb / 16P
   2-Mb (64K x 32) Pipelined Sync SRAM
CY7C1329H CYPRESS-CY7C1329H Datasheet
711Kb / 16P
   2-Mbit (64K x 32) Pipelined Sync SRAM
CY7C1346F CYPRESS-CY7C1346F Datasheet
321Kb / 16P
   2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1346H CYPRESS-CY7C1346H Datasheet
713Kb / 16P
   2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1212H CYPRESS-CY7C1212H Datasheet
353Kb / 15P
   1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1212F CYPRESS-CY7C1212F Datasheet
318Kb / 15P
   1-Mbit (64K x 18) Pipelined Sync SRAM
logo
Integrated Circuit Solu...
IC61SF6432 ICSI-IC61SF6432 Datasheet
144Kb / 17P
   64K x 32 Flow Through Sync. SRAM
logo
Cypress Semiconductor
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1215F CYPRESS-CY7C1215F Datasheet
333Kb / 16P
   1-Mb (32K x 32) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com