Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61LV6432-5TQI Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # IC61LV6432-5TQI
Description  64K x 32 Pipelined Sync. SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

IC61LV6432-5TQI Datasheet(HTML) 4 Page - Integrated Circuit Systems

  IC61LV6432-5TQI Datasheet HTML 1Page - Integrated Circuit Systems IC61LV6432-5TQI Datasheet HTML 2Page - Integrated Circuit Systems IC61LV6432-5TQI Datasheet HTML 3Page - Integrated Circuit Systems IC61LV6432-5TQI Datasheet HTML 4Page - Integrated Circuit Systems IC61LV6432-5TQI Datasheet HTML 5Page - Integrated Circuit Systems IC61LV6432-5TQI Datasheet HTML 6Page - Integrated Circuit Systems IC61LV6432-5TQI Datasheet HTML 7Page - Integrated Circuit Systems IC61LV6432-5TQI Datasheet HTML 8Page - Integrated Circuit Systems IC61LV6432-5TQI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
IC61LV6432
4
Integrated Circuit Solution Inc.
SSR005-0A
002/02/2004
PIN CONFIGURATION
100-Pin LQFP and PQFP (Top View)
NC
DQ16
DQ15
VCCQ
GNDQ
DQ14
DQ13
DQ12
DQ11
GNDQ
VCCQ
DQ10
DQ9
GND
NC
VCC
ZZ
DQ8
DQ7
VCCQ
GNDQ
DQ6
DQ5
DQ4
DQ3
GNDQ
VCCQ
DQ2
DQ1
NC
NC
DQ17
DQ18
VCCQ
GNDQ
DQ19
DQ20
DQ21
DQ22
GNDQ
VCCQ
DQ23
DQ24
VCCQ
VCC
NC
GND
DQ25
DQ26
VCCQ
GNDQ
DQ27
DQ28
DQ29
DQ30
GNDQ
VCCQ
DQ31
DQ32
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PIN DESCRIPTIONS
A0-A15
Address Inputs
CLK
Clock
ADSP
Processor Address Status
ADSC
Controller Address Status
ADV
Burst Address Advance
BW1-BW4
Synchronous Byte Write Enable
BWE
Byte Write Enable
GW
Global Write Enable
CE1, CE2, CE3
Synchronous Chip Enable
OE
Output Enable
DQ1-DQ32
Data Input/Output
ZZ
Sleep Mode
MODE
Burst Sequence Mode
VCC
+3.3V Power Supply
GND
Ground
VCCQ
Isolated Output Buffer Supply
GNDQ
Isolated Output Buffer Ground
NC
No Connect


Similar Part No. - IC61LV6432-5TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV6416 ICSI-IC61LV6416 Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV6416-10B ICSI-IC61LV6416-10B Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV6416-10BI ICSI-IC61LV6416-10BI Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV6416-10K ICSI-IC61LV6416-10K Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV6416-10KI ICSI-IC61LV6416-10KI Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
More results

Similar Description - IC61LV6432-5TQI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1329G CYPRESS-CY7C1329G Datasheet
322Kb / 16P
   2-Mb (64K x 32) Pipelined Sync SRAM
CY7C1329H CYPRESS-CY7C1329H Datasheet
711Kb / 16P
   2-Mbit (64K x 32) Pipelined Sync SRAM
CY7C1346F CYPRESS-CY7C1346F Datasheet
321Kb / 16P
   2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1346H CYPRESS-CY7C1346H Datasheet
713Kb / 16P
   2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1212H CYPRESS-CY7C1212H Datasheet
353Kb / 15P
   1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1212F CYPRESS-CY7C1212F Datasheet
318Kb / 15P
   1-Mbit (64K x 18) Pipelined Sync SRAM
logo
Integrated Circuit Solu...
IC61SF6432 ICSI-IC61SF6432 Datasheet
144Kb / 17P
   64K x 32 Flow Through Sync. SRAM
logo
Cypress Semiconductor
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1215F CYPRESS-CY7C1215F Datasheet
333Kb / 16P
   1-Mb (32K x 32) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com