Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21864PBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRS21864PBF
Description  HIGH AND LOW SIDE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21864PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS21864PBF Datasheet HTML 7Page - International Rectifier IRS21864PBF Datasheet HTML 8Page - International Rectifier IRS21864PBF Datasheet HTML 9Page - International Rectifier IRS21864PBF Datasheet HTML 10Page - International Rectifier IRS21864PBF Datasheet HTML 11Page - International Rectifier IRS21864PBF Datasheet HTML 12Page - International Rectifier IRS21864PBF Datasheet HTML 13Page - International Rectifier IRS21864PBF Datasheet HTML 14Page - International Rectifier IRS21864PBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
IRS2186/IRS21864(S)PbF
www.irf.com
11
PRELIMINARY
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 12A. Offset Supply Leakage
Current
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 13A. VBS Supply Current
vs. Temperature
0
100
200
300
400
500
100
200
300
400
500
600
VB Boost Voltage (V)
Figure 12B. Offset Supply Leakage Current
vs. VB Boost Voltage
0
100
200
300
400
500
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Figure 13B. VBS Supply Current
vs. VBS Floating Supply Voltage
Min.
Typ.
Max.
Max.
Max.
Max.
Min.
Typ.


Similar Part No. - IRS21864PBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS21864PBF INFINEON-IRS21864PBF Datasheet
1Mb / 27P
   High and Low Side Driver
April 30, 2015
More results

Similar Description - IRS21864PBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com