Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2186SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2186SPBF
Description  HIGH AND LOW SIDE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2186SPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2186SPBF Datasheet HTML 1Page - International Rectifier IRS2186SPBF Datasheet HTML 2Page - International Rectifier IRS2186SPBF Datasheet HTML 3Page - International Rectifier IRS2186SPBF Datasheet HTML 4Page - International Rectifier IRS2186SPBF Datasheet HTML 5Page - International Rectifier IRS2186SPBF Datasheet HTML 6Page - International Rectifier IRS2186SPBF Datasheet HTML 7Page - International Rectifier IRS2186SPBF Datasheet HTML 8Page - International Rectifier IRS2186SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
up to 600 V
TO
LOAD
V
CC
V
B
V
S
HO
LO
COM
HIN
V
SS
LIN
V
CC
V
SS
LIN
HIN
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
u
p to 600 V
TO
LOAD
V
CC
LIN
HIN
Data Sheet No. PD60271
Typical Connection
HIGH AND LOW SIDE DRIVER
Features
Floating channel designed for bootstrap operation
Fully operational to +600 V
Tolerant to negative transient voltage, dV/dt
immune
Gate drive supply range from 10 V to 20 V
Undervoltage lockout for both channels
3.3 V and 5 V input logic compatible
Matched propagation delay for both channels
Logic and power ground +/- 5V offset.
Lower di/dt gate driver for better noise immunity
Output source/sink current capability 4 A/4 A
IRS21864
IRS2186
IRS2186/IRS21864(S)PbF
www.irf.com
1
(Refer to Lead Assignments for correct pin configuration). These diagrams show electrical connections only. Please refer to our
Application Notes and DesignTips for proper circuit board layout.
Description
The IRS2186/IRS21864 are high voltage, high speed power MOSFET and IGBT drivers with independent
high and low side referenced output channels. Proprietary HVIC and latch immune CMOS technologies
enable ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL
output, down to 3.3 V logic. The output drivers feature a high pulse current buffer stage designed for minimum
driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in
the high side configuration which operates up to 600 V.
Packages
14-Lead PDIP IRS21864
8-Lead PDIP
IRS2186
14-Lead SOIC
IRS21864S
PRELIMINARY
8-Lead SOIC IRS2186S


Similar Part No. - IRS2186SPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS2186SPBF INFINEON-IRS2186SPBF Datasheet
1Mb / 27P
   High and Low Side Driver
April 30, 2015
More results

Similar Description - IRS2186SPBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com