Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M21L216128A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # M21L216128A
Description  128 K x 16 SRAM HIGH SPEED CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M21L216128A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  M21L216128A Datasheet HTML 1Page - List of Unclassifed Manufacturers M21L216128A Datasheet HTML 2Page - List of Unclassifed Manufacturers M21L216128A Datasheet HTML 3Page - List of Unclassifed Manufacturers M21L216128A Datasheet HTML 4Page - List of Unclassifed Manufacturers M21L216128A Datasheet HTML 5Page - List of Unclassifed Manufacturers M21L216128A Datasheet HTML 6Page - List of Unclassifed Manufacturers M21L216128A Datasheet HTML 7Page - List of Unclassifed Manufacturers M21L216128A Datasheet HTML 8Page - List of Unclassifed Manufacturers M21L216128A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
$%
M21L216128A
Elite Semiconduture Memory Technology Inc
Publication Date : Sep. 2000
Revision : 1.0
5/14
TRUTH TABLE
MODE
CE
WE
OE
LE
HE
DQ1-DQ8
DQ9-DQ16
POWER
LOW BYTE READ (DQ1-DQ8)
L
H
L
L
H
Q
HIGH-Z
ACTIVE
HIGH BYTE READ (DQ9-DQ16)
L
H
L
H
L
HIGH-Z
Q
ACTIVE
WORD READ (DQ1-DQ16)
L
H
L
L
L
Q
Q
ACTIVE
LOW BYTE WRITE (DQ1-DQ8)
L
L
X
L
H
D
HIGH-Z
ACTIVE
HIGH BYTE WRITE (DQ9-DQ16)
L
L
X
H
L
HIGH-Z
D
ACTIVE
WORD WRITE (DQ1-DQ16)
L
L
X
L
L
D
D
ACTIVE
L
X
X
H
H
HIGH-Z
HIGH-Z
ACTIVE
OUTPUT DISABLE
L
H
H
X
X
HIGH-Z
HIGH-Z
ACTIVE
STANDBY
H
X
X
X
X
HIGH-Z
HIGH-Z
STANBY
AC TEST CONDITIONS
Input plus levels
0V to 3.0V
Input rise and fail times
1.5ns
Input timing reference levels
1.5V
Output reference levels
1.5V
Output load
See Figures 1 and 2
DQ
351
DQ
5pF
Z0 =50
30pF
50
3.3V
317
è
è
è
Vt=1.5V
è
Fig.1 OUTPUT LOAD EQUIVALENT
Fig.2 OUTPUT LOAD EQUIVALENT


Similar Part No. - M21L216128A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M21L11664A ETC-M21L11664A Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-10J ETC-M21L11664A-10J Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-10T ETC-M21L11664A-10T Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-8J ETC-M21L11664A-8J Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-8T ETC-M21L11664A-8T Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
More results

Similar Description - M21L216128A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L102416A LYONTEK-LY61L102416A_17 Datasheet
852Kb / 17P
   1024K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L12816 LYONTEK-LY61L12816 Datasheet
164Kb / 13P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY61L102416A LYONTEK-LY61L102416A_13 Datasheet
360Kb / 13P
   1024K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L51216A LYONTEK-LY61L51216A_16 Datasheet
793Kb / 15P
   512K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_13 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com