Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M21L216128A-12T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M21L216128A-12T
Description  128 K x 16 SRAM HIGH SPEED CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M21L216128A-12T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M21L216128A-12T Datasheet HTML 1Page - List of Unclassifed Manufacturers M21L216128A-12T Datasheet HTML 2Page - List of Unclassifed Manufacturers M21L216128A-12T Datasheet HTML 3Page - List of Unclassifed Manufacturers M21L216128A-12T Datasheet HTML 4Page - List of Unclassifed Manufacturers M21L216128A-12T Datasheet HTML 5Page - List of Unclassifed Manufacturers M21L216128A-12T Datasheet HTML 6Page - List of Unclassifed Manufacturers M21L216128A-12T Datasheet HTML 7Page - List of Unclassifed Manufacturers M21L216128A-12T Datasheet HTML 8Page - List of Unclassifed Manufacturers M21L216128A-12T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
$%
M21L216128A
Elite Semiconduture Memory Technology Inc
Publication Date : Sep. 2000
Revision : 1.0
2/14
Block Diagram
×ØÖâ×Øå
512 X 4096
MEMORY ARRAY
Öâßèàá ÜÂâ
Üáãèç
×ÔçÔ
ÖÜåÖèÜç
Öâáçåâß
ÖÜåÖèÜç
éÖÖ
Úá×
×äË
×äÄ
ÔÄÉ
ÔÃ
êØ
ÛÕ
Üáãèç
×ÔçÔ
ÖÜåÖèÜç
DQ9
×äÄÉ
ßÕ
âØ
ÖØ
Pin Descriptions
Pin No.
Symbol
Description
1 - 5, 18 - 22,
24-27, 42 - 44
A0 - A16
Address Inputs
6
CE
Chip Enable Input
7 - 10, 13 - 16,
29 - 32, 35 - 38
DQ1 - DQ16
Data Inputs/Outputs
17
WE
Write Enable Input
39
LB
Lower Byte Enable Input (DQ1 to DQ8)
40
HB
Higher Byte Enable Input (DQ9 to
DQ16)
41
OE
Output Enable Input
11, 33
VCC
Power
12, 34
GND
Ground
23, 28
NC
No Connection


Similar Part No. - M21L216128A-12T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M21L11664A ETC-M21L11664A Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-10J ETC-M21L11664A-10J Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-10T ETC-M21L11664A-10T Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-8J ETC-M21L11664A-8J Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-8T ETC-M21L11664A-8T Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
More results

Similar Description - M21L216128A-12T

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L102416A LYONTEK-LY61L102416A_17 Datasheet
852Kb / 17P
   1024K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L12816 LYONTEK-LY61L12816 Datasheet
164Kb / 13P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY61L102416A LYONTEK-LY61L102416A_13 Datasheet
360Kb / 13P
   1024K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L51216A LYONTEK-LY61L51216A_16 Datasheet
793Kb / 15P
   512K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_13 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com