Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY298 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BY298
Description  SOFT RECOVERY PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 2.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BY298 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BY298 Datasheet HTML 1Page - Pan Jit International Inc. BY298 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
BY296 THRU BY299
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
120
140
RESISTIVE OR INDUCTIVE
LOAD .375" 9.5mm LEAD
LENGTHS
AMBIENT TEMPERATURE, ¢J
200
100
50
10
1
5
10
50
100
TJ = 50¢J 10ms SINGLE
HALF SINE-WAVE AT
RATED LOAD
NUMBER OF CYCLES AT 60Hz
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
100
50
10
5.0
1.0
0.5
0.1
.05
.01
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
TJ = 25 ¢J
PULSE WIDTH = 300uS
2% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
10
1
0.1
0.01
0
20
40
60
80
100 120
140
TJ = 100 ¢J
TJ = 50 ¢J
TJ = 25¢J
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Fig. 4-TYPICAL REVERSE CHARACTERISTICS
100
50
10
1
10
100
TJ = 25 ¢J
f = 1MHz
Visg = 50mVp-p max
REVERSE VOLTAGE, VOLTS
Fig. 5-TYPICAL JUNCTION CAPACITANCE


Similar Part No. - BY298

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
BY298 CHENDA-BY298 Datasheet
533Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Jinan Gude Electronic D...
BY298 JGD-BY298 Datasheet
141Kb / 2P
   2.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Galaxy Semi-Conductor H...
BY298 BILIN-BY298 Datasheet
56Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Diotec Semiconductor
BY298 DIOTEC-BY298 Datasheet
91Kb / 2P
   Fast Silicon Rectifier Diodes ??Schnelle Silizium-Gleichrichterdioden
logo
Diode Semiconductor Kor...
BY298 DSK-BY298 Datasheet
275Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - BY298

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY396 PANJIT-BY396 Datasheet
60Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
BY396G DAESAN-BY396G Datasheet
212Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 100 TO 800 VOLTS
logo
Pan Jit International I...
UF2A PANJIT-UF2A Datasheet
74Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
FR2A PANJIT-FR2A Datasheet
59Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
FR2A SURGE-FR2A Datasheet
80Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes?
UF2A SURGE-UF2A Datasheet
81Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes
logo
DAESAN ELECTRONIC CORP.
BY296 DAESAN-BY296 Datasheet
336Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 100 to 1000 Volts
logo
Gaomi Xinghe Electronic...
SK22B GXELECTRONICS-SK22B Datasheet
485Kb / 2P
   VOLTAGE - 20 TO 100 VOLTS CURRENT - 2.0 AMPERES
logo
Pan Jit International I...
PS200 PANJIT-PS200 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 2.0 Amperes)
PS600R PANJIT-PS600R Datasheet
52Kb / 2P
   FAST SWITCHING RECOVERY RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com