Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9161709V9A Datasheet(PDF) 11 Page - ATMEL Corporation

Part # 5962-9161709V9A
Description  Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-9161709V9A Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button 5962-9161709V9A Datasheet HTML 7Page - ATMEL Corporation 5962-9161709V9A Datasheet HTML 8Page - ATMEL Corporation 5962-9161709V9A Datasheet HTML 9Page - ATMEL Corporation 5962-9161709V9A Datasheet HTML 10Page - ATMEL Corporation 5962-9161709V9A Datasheet HTML 11Page - ATMEL Corporation 5962-9161709V9A Datasheet HTML 12Page - ATMEL Corporation 5962-9161709V9A Datasheet HTML 13Page - ATMEL Corporation 5962-9161709V9A Datasheet HTML 14Page - ATMEL Corporation 5962-9161709V9A Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
M67025E
4146J–AERO–06/03
Electrical Characteristics
Absolute Maximum Ratings
DC Parameters
Notes:
1. CS
L = CSR > 2.2V.
2. CS
L = CSR > VCC - 0.2V.
3. Both ports active - Maximum frequency - Outputs open - OE = VIH.
4. One port active (f = fMAX) - Output open - One port stand-by TTL or CMOS Level Inputs - CSL = CSR > 2.2V
Supply voltage (VCC-GND): ............................... -0.5V to 7.0V
Input or output voltage applied: (GND - 0.5V) to (VCC + 0.5V)
Storage temperature: ..................................... -65
°C to +150°C
*NOTE:
Stresses greater than those listed under Absolute Max-
imum Ratings may cause permanent damage to the
device.This is a stress rating only and functional opera-
tion of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
Table 6. DC Test Conditions
TA = -55
°C to + 125°C; Vss = 0V; Vcc = 4.5V to 5.5V
Parameter
Description
67025-30
67025-45
Unit
Value
I
CCSB
(1)
Standby supply current (Both ports TTL level inputs)
10
10
mA
Max
I
CCSB1
(2)
Standby supply current (Both ports CMOS level
inputs)
500
500
µA
Max
I
CCOP
(3)
Operating supply current (Both ports active)
320
260
mA
Max
I
CCOP1
(4)
Operating supply current (One port active - One
port standby)
200
180
mA
Max
Parameter
Description
67025E
Unit
Value
IL I/O
(1)
1.
Vcc = 5.5V, Vin = Gnd to Vcc, CS = VIH, Vout = 0 to Vcc.
Input/Output leakage current
± 5
µA
Max
VIL
(2)
2.
VIH max = Vcc + 0.5V, VIL min = -0.5V or -1V pulse width 50 ns.
Input low voltage
0.8
V
Max
VIH
(2)
Input high voltage
2.2
V
Min.
VOL
(3)
3.
Vcc Min., IOL = 4 mA, IOH = -4 mA.
Output low voltage (I/O
0 - I/O15)0.4
V
Max
VOH
(3)
Output high voltage
2.4
V
Min.
C IN
Input capacitance
5
pF
Max
C OUT
Output capacitance
7
pF
Max


Similar Part No. - 5962-9161709V9A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
5962-9161301HZX IRF-5962-9161301HZX Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
5962-9161302HZX IRF-5962-9161302HZX Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
5962-9161303HZX IRF-5962-9161303HZX Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
Interpoint Corporation ...
5962-9161402HXC INTERPOINT-5962-9161402HXC Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - 5962-9161709V9A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67206H ATMEL-M67206H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M672061H ATMEL-M672061H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
logo
Integrated Device Techn...
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com