Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3573CGM Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3573CGM
Description  HI-IF Single-Chip Broadband Tuners
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3573CGM Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3573CGM Datasheet HTML 5Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 6Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 7Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 8Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 9Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 10Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 11Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 12Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HI-IF Single-Chip Broadband Tuners
_______________________________________________________________________________________
9
PIN
NAME
FUNCTION
27
VCC
2nd Charge-Pump Supply Voltage. Bypass with a capacitor as close to the pin as possible. Do not share
the bypass capacitor ground vias with any other branches.
29
LOCFLT2
2nd LO Noise-Filtering Capacitor Connector. Connect a capacitor to GND. (Refer to the EV kit.)
30
TUNE2
2nd VCO Tuning Input. Connect this analog voltage input to a third-order loop-filter output.
31
VCC
2nd VCO Circuitry Supply Voltage. Bypass with a capacitor as close to the pin as possible. Do not share
the bypass capacitor ground vias with any other branches.
33
VCC
2nd LO Generation Supply Voltage. Bypass with a capacitor as close to the pin as possible. Do not share
the bypass capacitor ground vias with any other branches.
35, 36
IFOUT1+,
IFOUT1-
1st Differential IF Outputs. These outputs are AC-coupled to the SAW filter inputs.
37
VCC
2nd Mixer and 1st IF Amplifier Circuit Supply Voltage. Bypass with a capacitor as close to the pin as
possible. Do not share the bypass capacitor ground vias with any other branches.
38, 39
IFIN+,
IFIN-
Differential IF Inputs. Connected to the SAW filter outputs.
40
IFVGA
IF VGA Control. See the Typical Operating Characteristics.
41
VCC
IF VGA Supply Voltage. Bypass with a capacitor as close to the pin as possible. Do not share the bypass
capacitor ground vias with any other branches.
42, 43
IFOUT2+,
IFOUT2-
IF VGA Outputs
44
VCC
HI-IF Filter Circuit Supply Voltage. Bypass with a capacitor as close to the pin as possible. Do not share the
bypass capacitor ground vias with any other branches.
46
BIAS
Bias Resistor Connection. Connect a 5.9k
Ω precision ±1% resistor to GND. Resistor value can be increased
to decrease the nominal current at the expense of linearity. Refer to Application Note:
MAX3570/MAX3571/MAX3573 Bias Resistor Setting for further information.
47
RFVGA
RF VGA Control. See the Typical Operating Characteristics.
48
LNABIAS
LNA Bias Input. Connect through an inductor to GND. (Refer to the EV kit.)
EP
GND
Exposed Ground Paddle. DC and AC GND return for the IC. Connect to PC board ground plane using
multiple vias.
Pin Description (continued)


Similar Part No. - MAX3573CGM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX350 MAXIM-MAX350 Datasheet
301Kb / 20P
   Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
MAX3503 MAXIM-MAX3503 Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3503EGP MAXIM-MAX3503EGP Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3505 MAXIM-MAX3505 Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3505EGP MAXIM-MAX3505EGP Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
More results

Similar Description - MAX3573CGM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2160 MAXIM-MAX2160_09 Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160 MAXIM-MAX2160 Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
logo
Microtune,Inc
MT2011 MICROTUNE-MT2011 Datasheet
79Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
MT2068 MICROTUNE-MT2068 Datasheet
106Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
logo
Zarlink Semiconductor I...
SL2009 ZARLINK-SL2009 Datasheet
229Kb / 12P
   Dual stage IF amplifier for cable tuners
logo
NXP Semiconductors
TEF6621 NXP-TEF6621 Datasheet
166Kb / 2P
   NXP low-IF analog car radio tuners TEF662x
December 2010
logo
Future Technology Devic...
FT313HQ-T FTDI-FT313HQ-T Datasheet
1Mb / 67P
   Single chip USB2.0 Hi-Speed compatible
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
logo
RF Monolithics, Inc
SF2072C RFM-SF2072C Datasheet
1Mb / 7P
   Designed for Broadband Receiver IF Applications
logo
Rohm
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com