Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB82DBS04163C-70LWFKT Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB82DBS04163C-70LWFKT
Description  MEMORY Mobile FCRAMTM CMOS 64 M Bit (4 M word횞16 bit) Mobile Phone Application Specific Memory
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB82DBS04163C-70LWFKT Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB82DBS04163C-70LWFKT Datasheet HTML 3Page - Fujitsu Component Limited. MB82DBS04163C-70LWFKT Datasheet HTML 4Page - Fujitsu Component Limited. MB82DBS04163C-70LWFKT Datasheet HTML 5Page - Fujitsu Component Limited. MB82DBS04163C-70LWFKT Datasheet HTML 6Page - Fujitsu Component Limited. MB82DBS04163C-70LWFKT Datasheet HTML 7Page - Fujitsu Component Limited. MB82DBS04163C-70LWFKT Datasheet HTML 8Page - Fujitsu Component Limited. MB82DBS04163C-70LWFKT Datasheet HTML 9Page - Fujitsu Component Limited. MB82DBS04163C-70LWFKT Datasheet HTML 10Page - Fujitsu Component Limited. MB82DBS04163C-70LWFKT Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
MB82DBS04163C-70L
7
• Address Key
The address key has the following format.
*1: A21 and A6 to A0 must be all "1" in any cases.
*2: It is prohibited to apply this key.
*3: Please contact local FUJITSU representative for the use of BL
= continuous option.
*4: If M = 0, all the registers must be set with appropriate Key input at the same time.
*5: If M = 1, PS must be set with appropriate Key input at the same time. Except for PS, all the other key inputs
must be "1".
*6: Burst Read & Single Write is not supported at WE Single Clock Pulse Control.
*7: Effective only when PS
= 11.
Address
Pin
Register
Name
Function
Key
Description
Note
A21
⎯⎯
1
Unused bits must be 1
*1
A20, A19
PS
Partial Size
00
16 M-bit Partial
01
8 M-bit Partial
10
Reserved for future use
*2
11
Sleep [Default]
A18 to A16
BL
Burst Length
000
Reserved for future use
*2
001
Reserved for future use
*2
010
8 words
011
16 words
100
Reserved for future use
*2
101
Reserved for future use
*2
110
Reserved for future use
*2
111
Continuous
*3
A15
MMode
0
Synchronous Mode (Burst Read / Write)
*4
1
Asynchronous Mode [Default] (Page Read / Normal Write)
*5
A14 to A12
RL
Read Latency
000
Reserved for future use
*2
001
3 clocks
010
4 clocks
011
5 clocks
1xx
Reserved for future use
*2
A11
BS
Burst Sequence
0
Reserved for future use
*2
1
Sequential
A10
SW
Single Write
0
Burst Read & Burst Write
1
Burst Read & Single Write
*6
A9
VE
Valid Clock
Edge
0
Falling Clock Edge
1
Rising Clock Edge
A8
RP
Reset to Page
0
Reset to Page mode
*7
1
Remain the previous mode
A7
WC
Write Control
0
WE Single Clock Pulse Control without Write Suspend
Function
*6
1WE Level Control with Write Suspend Function
A6 to A0
⎯⎯
1
Unused bits must be 1
*1


Similar Part No. - MB82DBS04163C-70LWFKT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82DBS04164E-70L FUJITSU-MB82DBS04164E-70L Datasheet
57Kb / 1P
   64 Mbit Mobile FCRAM 1.8 V, Burst Mode & Page Mode
More results

Similar Description - MB82DBS04163C-70LWFKT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82DBS08164C-70L FUJITSU-MB82DBS08164C-70L Datasheet
542Kb / 58P
   128 M Bit (8 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163C FUJITSU-MB82DBS02163C Datasheet
606Kb / 63P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163D-70L FUJITSU-MB82DBS02163D-70L Datasheet
736Kb / 57P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DP02183F FUJITSU-MB82DP02183F Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP04183C FUJITSU-MB82DP04183C Datasheet
289Kb / 33P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP04184E-65L FUJITSU-MB82DP04184E-65L Datasheet
464Kb / 31P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DS01181E FUJITSU-MB82DS01181E Datasheet
129Kb / 19P
   Mobile Phone Application Specific Memory
MB82DBS08164D-70L FUJITSU-MB82DBS08164D-70L Datasheet
447Kb / 60P
   128 M Bit (8 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP02183D FUJITSU-MB82DP02183D Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183C-65L FUJITSU-MB82DP02183C-65L Datasheet
284Kb / 32P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com