Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3166 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT3166
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3166 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT3166 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pin Descriptions
Pin Configuration
TDFN33-12
(Top View)
D4
EN/SET
C1+
1
C1-
OUTCP
C2+
D3
D2
D1
GND
IN
C2-
2
3
4
5
6
12
11
10
9
8
7
Pin #
Symbol
Function
1
D4
Current sink input #4.
2
EN/SET
AS2Cwire serial interface control pin.
3
C1+
Flying capacitor 1 positive terminal. Connect a 1µF capacitor between C1+ and C1-.
4
C1-
Flying capacitor 1 negative terminal.
5
OUTCP
Charge pump output to drive load circuit. Requires 1µF capacitor connected between this
pin and ground.
6
C2+
Flying capacitor 2 positive terminal. Connect a 1µF capacitor between C2+ and C2-.
7
C2-
Flying capacitor 2 negative terminal.
8
IN
Input power supply. Requires 1µF capacitor connected between this pin and ground.
9
GND
Ground.
10
D1
Current sink input #1.
11
D2
Current sink input #2.
12
D3
Current sink input #3.
EP
Exposed paddle; connect to ground as closely as possible to package.
AAT3166
High Efficiency 1X/1.5X/2X Charge
Pump for White LED Applications
2
3166.2006.05.1.2


Similar Part No. - AAT3166

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3164 ANALOGICTECH-AAT3164 Datasheet
397Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for Six-Channel White LED Applications
AAT3164IRN-T1 ANALOGICTECH-AAT3164IRN-T1 Datasheet
397Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for Six-Channel White LED Applications
AAT3167 ANALOGICTECH-AAT3167 Datasheet
416Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3167 ANALOGICTECH-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results

Similar Description - AAT3166

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3153 ANALOGICTECH-AAT3153 Datasheet
145Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com