Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQW210HL Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # AQW210HL
Description  GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQW210HL Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  AQW210HL Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQW210HL Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQW210HL Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AQW210HL
111
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
Note: Recommendable LED forward current IF= 5 to 10 mA.
For type of connection, see page 32.
*Turn on/Turn off time
Item
Symbol
AQW210HL(A)
Condition
Input
LED operate
current
Typical
IFon
1.2 mA
IL = Max.
Maximum
3.0 mA
LED turn off
current
Minimum
IFoff
0.4 mA
IL = Max.
Typical
1.1 mA
LED dropout
voltage
Minimum
VF
1.14 (1.25 V at IF = 50mA)
IF = 5 mA
Typical
1.5 V
Output
On resistance
Typical
Ron
20
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
25
Off state leak-
age current
Maximum
ILeak
1
µA
IF = 0
VL = Max.
Current limit
Typical
0.18 A
IF = 5 mA
Transfer
characteristics
Turn on time*
Typical
Ton
0.5 ms
IF = 5 mA
IL = Max.
Maximum
2.0 ms
Turn off time*
Typical
Toff
0.08 ms
IF = 5 mA
IL = Max.
Maximum
1.0 ms
I/O capacitance
Typical
Ciso
0.8 pF
f = 1 MHz
VB = 0
Maximum
1.5 pF
Initial I/O isola-
tion resistance
Minimum
Riso
1,000 M
500 V DC
Ton
Input
Output
10%
90%
Toff
REFERENCE DATA
1. Load current vs. ambient temperature char-
acteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
2. On resistance vs. ambient temperature char-
acteristics
Measured portion: between terminals 5 and 6, 7 and 8;
LED current: 5 mA; Load voltage: Max. (DC)
Continuous load current: Max.(DC)
3. Turn on time vs. ambient temperature char-
acteristics
LED current: 5 mA; Load voltage: Max.(DC);
Continuous load current: Max.(DC)
Ambient temperature,
°C
0
200
150
100
50
020
40
60
80 85 100
–20
–40
Ambient temperature,
°C
0
10
20
30
40
–40
–20
50
020
40
60
80 85
Ambient temperature,
°C
0
0.5
1
1.5
2
3
–20
–40
2.5
020
40
60
80 85
s For Dimensions, see Page 27.
s For Schematic and Wiring Diagrams, see Page 32.
s For Cautions for Use, see Page 36.


Similar Part No. - AQW210HL

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW210 NAIS-AQW210 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQW210 PANASONIC-AQW210 Datasheet
78Kb / 3P
   Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
logo
Nais(Matsushita Electri...
AQW210A NAIS-AQW210A Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQW210A PANASONIC-AQW210A Datasheet
78Kb / 3P
   Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
AQW210AX PANASONIC-AQW210AX Datasheet
78Kb / 3P
   Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
More results

Similar Description - AQW210HL

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY210HL NAIS-AQY210HL Datasheet
41Kb / 3P
   GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
AQY210LS NAIS-AQY210LS Datasheet
43Kb / 3P
   GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
   GU (General Use)-E Type 2-Channel (Form A) Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
   GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
logo
Nais(Matsushita Electri...
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com