Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP308 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # CP308
Description  SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

CP308 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  CP308 Datasheet HTML 1Page - Pan Jit International Inc. CP308 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
CP300 THRU CP3010
50
40
30
20
10
0
2
4
6
10
20
40
60
100
NUMBER OF CYCLES AT 60hz
5
4
3
2
1
0
0
50
100
150
60Hz RESISTIVE OR
INDUCTIVE LOAD HEAT SINK
MOUNTING T
C
2.0" sq × 0.62 thick
Copper Plate
P.C. BOARD
AMBIENT TEMPERATURE, ¢J
Fig. 1- NON-RECURRENT SURGE RATING
Fig. 2- DERATING CURVE FOR OUTPUT RECTIFIED
CURRENT
5
4
3
2
1
.9
.8
.7
.5
.3
.2
.1
.07
.05
.03
.02
.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TYPICAL
DISTRIBUTION
MEDIAN
INSTANTANEOUS FWD VOLTAGE, VOLTS
10
1.0
.1
.01
0
20
40
60
80
100
120
140
TA = 25¢J
TA = 100 ¢J
PERCENT OF PEAK REVERSE VOLTAGE
Fig. 3- T YPICAL FORWARD CHARACTERISTICS(25
¢J)
Fig. 4- TYPICAL REVERSE CHARACTERISTICS


Similar Part No. - CP308

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
CP308 TRSYS-CP308 Datasheet
123Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A
More results

Similar Description - CP308

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
CP300 TRSYS-CP300 Datasheet
123Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A
logo
Pan Jit International I...
CP600 PANJIT-CP600 Datasheet
32Kb / 2P
   VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
CP800 PANJIT-CP800 Datasheet
59Kb / 2P
   SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
CP1000 PANJIT-CP1000 Datasheet
56Kb / 2P
   SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 10A)
logo
Transys Electronics
CP600 TRSYS-CP600 Datasheet
112Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A
logo
Kingtronics Internation...
D3UB05-THRU-D3UB100 KINGTRONICS-D3UB05-THRU-D3UB100 Datasheet
392Kb / 2P
   Single Phase 3.0 AMPS.Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
DAESAN ELECTRONIC CORP.
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301 DAESAN-HER301 Datasheet
229Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com