Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP60L02S Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP60L02S
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP60L02S Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP60L02S Datasheet HTML 1Page - Advanced Power Electronics Corp. AP60L02S Datasheet HTML 2Page - Advanced Power Electronics Corp. AP60L02S Datasheet HTML 3Page - Advanced Power Electronics Corp. AP60L02S Datasheet HTML 4Page - Advanced Power Electronics Corp. AP60L02S Datasheet HTML 5Page - Advanced Power Electronics Corp. AP60L02S Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AP60L02S/P
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristic of
Fig 12. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0
1
2
3
-50
0
50
100
150
T j , Junction Temperature(
o C)
0.1
1
10
100
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
V SD (V)
T j =25
o C
T j =150
o C
100
1000
10000
1
6
11
16
21
V DS (V)
f=1.0MHz
Ciss
Coss
Crss
0
2
4
6
8
10
12
14
16
0
1020
304050
Q G , Total Gate Charge (nC)
I D =25A
V DS =12V
V DS =16V
V DS =20V


Similar Part No. - AP60L02S

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP60L02GJ A-POWER-AP60L02GJ Datasheet
83Kb / 6P
   Low Gate Charge Simple Drive Requirement
AP60L02GP A-POWER-AP60L02GP Datasheet
81Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP60L02GS A-POWER-AP60L02GS Datasheet
81Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP60L02S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com