Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2304AN Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP2304AN
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2304AN Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP2304AN Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2304AN Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2304AN Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2304AN Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
AP2304AN
0
2
4
6
8
10
12
0123
4567
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10V
6.0V
5.0V
4.0V
V G =3.0V
0
2
4
6
8
10
12
01
2345
67
V DS , Drain-to-Source Voltage (V)
T A =150
o C
10V
6.0V
5.0V
4.0V
V G =3.0V
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
V G =10V
I D =2.5A
0.01
0.10
1.00
10.00
0.1
0.5
0.9
1.3
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
1.25
1.45
1.65
1.85
2.05
-50
0
50
100
150
T j , Junction Temperature (
o C)
70
80
90
100
110
120
130
140
35
79
11
VGS , Gate-to-Source Voltage (V)
I D =2 A
T A =25 ℃


Similar Part No. - AP2304AN

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2304AGN A-POWER-AP2304AGN Datasheet
102Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2304AGN-HF A-POWER-AP2304AGN-HF Datasheet
92Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2304AGN-HF A-POWER-AP2304AGN-HF_14 Datasheet
92Kb / 4P
   Simple Drive Requirement
AP2304AGN-HF A-POWER-AP2304AGN-HF_16 Datasheet
63Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP2304AN

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com