Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2761R-A Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2761R-A
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2761R-A Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2761R-A Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2761R-A Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2761R-A Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2761R-A Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Lower On-resistance
BVDSS
650V
▼ Fast Switching Characteristic
RDS(ON)
▼ Simple Drive Requirement
ID
10A
▼ RoHS Compliant
Description
Absolute Maximum Ratings
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
1
A
PD@TC=25℃
Total Power Dissipation
W
W/℃
IAR
Avalanche Current
2
A
TSTG
TJ
Operating Junction Temperature Range
Thermal Data
Symbol
Value
Units
Rthj-c
Thermal Resistance Junction-case
Max.
1.2
℃/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
62
℃/W
Data & specifications subject to change without notice
10
4.4
Storage Temperature Range
-55 to 150
18
104
Linear Derating Factor
0.8
Rating
650
±30
Pb Free Plating Product
200503061-1/4
AP2761R-A
-55 to 150
Parameter
10
Parameter
G
D
S
The TO-262 package is universally preferred for all commercial-
industrial applications. The device is suited for DC-DC ,AC-DC
converters for power applications.
G
D
S
TO-262(R)
AP2761 series are specially designed as main switching devices for
universal 90~265VAC off-line AC/DC converter applications.Both and TO-
262 type provide high blocking voltage to overcome voltage surge and sag
in the toughest power system with the best combination of fast
switching,ruggedized design and cost-effectiveness.


Similar Part No. - AP2761R-A

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2761R-A-HF A-POWER-AP2761R-A-HF Datasheet
65Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP2761R-A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com