Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6924GEY Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP6924GEY
Description  N-CHANNEL MOSFET WITH SCHOTTKY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6924GEY Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP6924GEY Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6924GEY Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6924GEY Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6924GEY Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
SCHOTTKY DIODE
Fig 1. Reverse Leakage Current
Fig 2. Forward Voltage Drop
v.s. Junction Temperature
AP6924GEY
0.01
0.1
1
10
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
t , Pulse Width (s)
PDM
Duty Factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja=180
oC/W
t
T
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.02
0
4
8
12
0
0.5
1
1.5
2
2.5
3
Q G , Total Gate Charge (nC)
V DS =10V
V DS =12V
V DS =16V
I D =0.6A
10
100
13
57
9
11
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.1
1
0
0.2
0.4
0.6
0.8
V F , Forward Voltage Drop (V)
T j =1 25
o CT
j =25
o C
0.001
0.01
0.1
1
10
25
50
75
100
125
T j , Junction Temperature (
o C)
20V
16V


Similar Part No. - AP6924GEY

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6924GEY A-POWER-AP6924GEY_14 Datasheet
65Kb / 4P
   Fast Switching Characteristic
More results

Similar Description - AP6924GEY

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3N2R8MT A-POWER-AP3N2R8MT Datasheet
71Kb / 6P
   N-CHANNEL MOSFET WITH SCHOTTKY DIODE
AP3N3R3MT A-POWER-AP3N3R3MT Datasheet
72Kb / 6P
   N-CHANNEL MOSFET WITH SCHOTTKY DIODE
logo
Fairchild Semiconductor
FDFS6N303 FAIRCHILD-FDFS6N303_03 Datasheet
68Kb / 5P
   N-Channel MOSFET with Schottky Diode
FDFS6N303 FAIRCHILD-FDFS6N303 Datasheet
96Kb / 5P
   N-Channel MOSFET with Schottky Diode
logo
ELM Technology Corporat...
ELM16706EA-S ELM-TECH-ELM16706EA-S Datasheet
124Kb / 5P
   Single N-channel MOSFET with schottky diode
ELM14700AA-N ELM-TECH-ELM14700AA-N Datasheet
117Kb / 5P
   Single N-channel MOSFET with schottky diode
ELM14900AA-N ELM-TECH-ELM14900AA-N Datasheet
116Kb / 5P
   Dual N-channel MOSFET with schottky diode
logo
Taiwan Semiconductor Co...
TSM414K34 TSC-TSM414K34 Datasheet
207Kb / 4P
   30V N-Channel MOSFET with Schottky Diode
logo
ELM Electronics
ELM341503A-N ELM-ELM341503A-N Datasheet
1Mb / 7P
   Dual N-channel MOSFET with schottky diode
logo
ELM Technology Corporat...
ELM14906AA-N ELM-TECH-ELM14906AA-N Datasheet
115Kb / 5P
   Dual N-channel MOSFET with schottky diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com