Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9435GG Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9435GG
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9435GG Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9435GG Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9435GG Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9435GG Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9435GG Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Low Gate Charge
BVDSS
-30V
▼ Fast Switching Characteristic
RDS(ON)
50mΩ
▼ Single Drive Requirement
ID
- 4.2A
▼ RoHS Compliant
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
100
℃/W
Data and specifications subject to change without notice
201021051-1/4
AP9435GG
Rating
- 30
±20
- 4.2
0.01
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current, VGS @ 4.5V
3
Storage Temperature Range
Continuous Drain Current, VGS @ 4.5V
3
-3.4
Pulsed Drain Current
1
-20
Pb Free Plating Product
Thermal Data
Parameter
Total Power Dissipation
1.25
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
G
D
S
D
G
D
S
SOT-89
The Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.


Similar Part No. - AP9435GG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AP9435GG VBSEMI-AP9435GG Datasheet
985Kb / 8P
   P-Channel 30-V (D-S) MOSFET
logo
Advanced Power Electron...
AP9435GG-HF A-POWER-AP9435GG-HF Datasheet
63Kb / 4P
   Fast Switching Characteristic, Single Drive Requirement
AP9435GG-HF A-POWER-AP9435GG-HF_14 Datasheet
63Kb / 4P
   Fast Switching Characteristic
AP9435GG-HF A-POWER-AP9435GG-HF_16 Datasheet
65Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP9435GG

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com