Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66335FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M66335FP
Description  FACSIMILE IMAGE DATA PROCESSOR
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66335FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M66335FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
3
MITSUBISHI
〈DIGITAL ASSP〉
M66335FP
FACSIMILE IMAGE DATA PROCESSOR
DESCRIPTION OF DIGITAL PIN FUNCTIONS
Item
Sensor
interface
CODEC
interface
DMA
interface
Clock
MPU
interface
Others
Pin name
SH
CK1
CK2
RS
PTIM
SRDY
STIM
SCLK
SVID
DRQ
DAK
INT
SYSCK
ACCK
RESET
CS
RD
WR
A0 ~ A4
D0 ~ D7
VCC
GND
TESTI, 0~6
TESTO
Function
Outputs the shift pulse signal to transfer electric charges from the sensor’s photoconductor
component to its transferring component for CCD and the start signal to start the sensor reading
circuit for CIS.
Outputs the clock pulse signal to sequentially transfer out signaling electric charges from the
sensor’s transferring component for CCD and the clock pulse signal for the shift register of the
sensor reading circuit for CIS.
Reversed-phase pulses of CK1
Outputs the reset pulse to return the voltage at the floating capacitor of the CCD sensor to the
initial one.
Outputs the pulse motor control signal for the reading roller.
Transfer start ready signal for data from CODEC
Defines the data transfer section to CODEC.
Clock signal to transfer image data to CODEC
Outputs image data in serial to CODEC
DMA request signal to the external DMA controller to output in parallel image data through the
MPU bus
DMA acknowledge signal from the external DMA controller in response to the above DRQ signal
Single-line termination interrupt
System clock input pin
Single-line cycle clock
Input of the system reset. The cycle counter, register, F/F, and latch are reset.
Chip select signal for MPU to access the M66335
Control signal for MPU to read data from the M66335
Control signal for MPU to write data to the M66335
Address signal to access various registers inside the M66335
8 bit two way buffer
Positive power supply pin
GND pin
Test input pin. Hold this at “L”.
Test output pin. Set this open.
Input/output
Output
Output
Output
Output
Output
Input
Output
Output
Output
Output
Input
Output
Input
Output
Input
Input
Input
Input
Input
Input/Output
Input
Output


Similar Part No. - M66335FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66335FP RENESAS-M66335FP Datasheet
577Kb / 59P
   Facsimile Image Data Processor
More results

Similar Description - M66335FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66333FP MITSUBISHI-M66333FP Datasheet
1Mb / 51P
   FACSIMILE IMAGE DATA PROCESSOR
logo
Renesas Technology Corp
M66335FP RENESAS-M66335FP Datasheet
577Kb / 59P
   Facsimile Image Data Processor
logo
Mitsubishi Electric Sem...
M66332FP MITSUBISHI-M66332FP Datasheet
336Kb / 43P
   FACSIMILE IMAGE DATA PROCESSOR
logo
Sanyo Semicon Device
LC8213 SANYO-LC8213 Datasheet
252Kb / 12P
   Image Data Compression/Expansion Processor
LC8213K SANYO-LC8213K Datasheet
56Kb / 5P
   Image Data Compression/Expansion Processor
LC821031 SANYO-LC821031 Datasheet
68Kb / 5P
   Image-Processing IC for Facsimile, Copier, and OCR Products
LC82103 SANYO-LC82103 Datasheet
74Kb / 5P
   Image-Processing LSI for Facsimile, Copier, and OCR Applications
logo
Zoran Corporation
PM-22 ZORAN-PM-22 Datasheet
67Kb / 2P
   Multifunction Image Processor
PM-36 ZORAN-PM-36 Datasheet
67Kb / 2P
   JPEG Image Processor
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
   Video Image Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com