Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU1255PL Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STU1255PL
Description  P-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU1255PL Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STU1255PL Datasheet HTML 1Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 2Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 3Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 4Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 5Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 6Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 7Page - SamHop Microelectronics Corp. STU1255PL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
S T U/D1255P L
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS
Diode Forward Voltage
VSD
VGS = 0V, Is =-15A
-1
V
b
C
Notes
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
F igure 1. Output C haracteristics
F igure 2. Transfer C haracteristics
F igure 4. On-R esistance Variation with
Temperature
F igure 3. C apacitance
-V DS , Drain-to S ource Voltage (V )
-V GS , G ate-to-S ource Voltage (V )
-V DS , Drain-to-S ource Voltage (V )
a.Surface Mounted on FR 4 Board, t 10sec.
5
20
16
12
8
4
0
0
0.5
1
1.5
2
2.5
3
-V GS =10V
-V GS =3V
25 C
25
20
15
10
5
0
0
0.8
1.6
2.4
3.2
4.0
4.8
T j=125 C
3
2.2
1.8
1.4
1.0
0.6
0.2
0
-50
0
50
100
125
-25
25
75
V GS =-10V
ID=-10A
-1.3
-V GS =4V
0
5
10
15
20
25
30
1200
1000
800
600
400
200
0
C iss
C oss
C rss
T J , J unction T emperature ( C )
-V GS =4.5V
-V GS =5V
-55 C
d.Guaranteed when external R g=6 ohm and tf < tf max


Similar Part No. - STU1255PL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU1224N SAMHOP-STU1224N Datasheet
939Kb / 8P
   N-Channel Enhancement Mode Field Effect Transistor
STU12L01 SAMHOP-STU12L01 Datasheet
171Kb / 7P
   Super high dense cell design for low RDS(ON).
logo
STMicroelectronics
STU12N60M2 STMICROELECTRONICS-STU12N60M2 Datasheet
383Kb / 12P
   Extremely low gate charge
May 2015 Rev 1
STU12N65M5 STMICROELECTRONICS-STU12N65M5 Datasheet
1Mb / 23P
   N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
logo
Inchange Semiconductor ...
STU12N65M5 ISC-STU12N65M5 Datasheet
316Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - STU1255PL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS2307A SAMHOP-STS2307A Datasheet
718Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STU1855PLS SAMHOP-STU1855PLS Datasheet
704Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STU1855PL SAMHOP-STU1855PL Datasheet
879Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STU2455PLS SAMHOP-STU2455PLS Datasheet
792Kb / 9P
   P-Channel E nhancement Mode Field Effect Transistor
STM4433A SAMHOP-STM4433A Datasheet
659Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STS3405 SAMHOP-STS3405 Datasheet
826Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STC2201 SAMHOP-STC2201 Datasheet
722Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STM4439A SAMHOP-STM4439A Datasheet
655Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STS2301 SAMHOP-STS2301 Datasheet
593Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STM9433 SAMHOP-STM9433 Datasheet
653Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com