Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD126224P Datasheet(PDF) 1 Page - Sensitron

Part # SHD126224P
Description  HERMETIC POWER SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD126224P Datasheet(HTML) 1 Page - Sensitron

  SHD126224P Datasheet HTML 1Page - Sensitron SHD126224P Datasheet HTML 2Page - Sensitron SHD126224P Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web - http://www.sensitron.com E-mail Address - sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 775, REV. A
HERMETIC POWER SCHOTTKY RECTIFIER
Add Suffix "S" for S-100 Screening
Applications:
œ Switching Power Supply œ Converters œ Free-Wheeling Diodes œ Polarity Protection Diode
Features:
œ Ultra low Reverse Leakage Current
œ Soft Reverse Recovery at Low and High Temperature
œ Very Low Forward Voltage Drop
œ Low Power Loss, High Efficiency
œ High Surge Capacity
œ Guard Ring for Enhanced Durability and Long Term Reliability
œ Guaranteed Reverse Avalanche Characteristics
œ Out Performs 100 Volt Ultrafast Rectifiers
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
100
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Single & Doubler)
15
A
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Common Anode &
Common Cathode)
30
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(per leg)
100
A
Max. Thermal Resistance
R JC
(per leg)
1.9
•C/W
Max. Junction Temperature
TJ
-
-65 to +175
•C
Max. Storage Temperature
Tstg
-
-65 to +175
•C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 15A, Pulse, TJ = 25
•C
(per leg)
1.0
V
VF2
@ 15A, Pulse, TJ = 125
•C
(per leg)
0.9
V
Max. Reverse Current
IR1
@VR = 100V, Pulse,
TJ = 25
•C (per leg)
0.55
mA
IR2
@VR = 100V, Pulse,
TJ = 125
•C (per leg)
12.0
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25
•C
fSIG = 1MHz,
VSIG = 50mV (p-p) (per leg)
500
pF
SHD126224
SHD126224P
SHD126224N
SHD126224D


Similar Part No. - SHD126224P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126222 SENSITRON-SHD126222 Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126222 SENSITRON-SHD126222 Datasheet
52Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126222D SENSITRON-SHD126222D Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126222D SENSITRON-SHD126222D Datasheet
52Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126222N SENSITRON-SHD126222N Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results

Similar Description - SHD126224P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD118444 SENSITRON-SHD118444 Datasheet
93Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119236 SENSITRON-SHD119236 Datasheet
78Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119434 SENSITRON-SHD119434 Datasheet
76Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119612 SENSITRON-SHD119612 Datasheet
75Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD130513 SENSITRON-SHD130513 Datasheet
51Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD120234 SENSITRON-SHD120234 Datasheet
83Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD124446 SENSITRON-SHD124446 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125136 SENSITRON-SHD125136 Datasheet
90Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125612 SENSITRON-SHD125612 Datasheet
77Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126411 SENSITRON-SHD126411 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD116268 SENSITRON-SHD116268 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com