Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD126224N Datasheet(PDF) 2 Page - Sensitron

Part # SHD126224N
Description  HERMETIC POWER SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD126224N Datasheet(HTML) 2 Page - Sensitron

  SHD126224N Datasheet HTML 1Page - Sensitron SHD126224N Datasheet HTML 2Page - Sensitron SHD126224N Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web - http://www.sensitron.com E-mail Address - sales@sensitron.com
1 2 3
.200
.190
(5.08
4.82)
.045
.035
(1.14
0.89)
.120(3.05) BSC
.430
.410
(10.92
10.41)
.420
.410
(10.67
10.41)
.665
.645
(16.89
16.38)
.537
.527
(13.64
13.39)
1.132
1.032
(28.75
26.21)
.035
.025
(0.89
0.63)
3 Places
.100(2.54) BSC
2 Places
.150
.140
(3.81
3.56)
Dia.
TECHNICAL DATA
DATA SHEET 775, REV. A
Mechanical Dimensions: In Inches / mm
SINGLE
COMMON CATHODE
1
2
3
1
2
3
COMMON ANODE
DOUBLER
1
2
3 1
2
3
PINOUT TABLE
TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
DUAL RECTIFIER, COMMON CATHODE (P)
ANODE 1
COMMON CATHODE
ANODE 2
DUAL RECTIFIER, COMMON ANODE (N)
CATHODE 1
COMMON ANODE
CATHODE 2
DUAL RECTIFIER, DOUBLER (D)
CATHODE
ANODE/CATHODE
ANODE
SHD126224
SHD126224P
SHD126224N
SHD126224D
TO-257
0
20
40
60
80
100
120
140
Reverse Voltage - V R (V)
200
300
400
500
600
700
800
Typical Junction Capacitance
TJ = 25 °C
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Forward Voltage Drop - VFM (V)
10-2
2
3
4
55
6
10-1
2
3
4
55
6
100
2
3
4
55
6
101
2
3
4
55
6
102
Typical Forward Characteristics
TJ = 25 °C
TJ = 125 °C
TJ = 175 °C
0
20
40
60
80
100
120
Reverse Voltage - VR (V)
10-4
10-3
10-2
10-1
100
101
Typical Reverse Characteristics
TJ = 25 °C
50 °C
125 °C
150 °C
175 °C
100 °C
75 °C


Similar Part No. - SHD126224N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126222 SENSITRON-SHD126222 Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126222 SENSITRON-SHD126222 Datasheet
52Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126222D SENSITRON-SHD126222D Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126222D SENSITRON-SHD126222D Datasheet
52Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126222N SENSITRON-SHD126222N Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results

Similar Description - SHD126224N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD118444 SENSITRON-SHD118444 Datasheet
93Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119236 SENSITRON-SHD119236 Datasheet
78Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119434 SENSITRON-SHD119434 Datasheet
76Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119612 SENSITRON-SHD119612 Datasheet
75Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD130513 SENSITRON-SHD130513 Datasheet
51Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD120234 SENSITRON-SHD120234 Datasheet
83Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD124446 SENSITRON-SHD124446 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125136 SENSITRON-SHD125136 Datasheet
90Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125612 SENSITRON-SHD125612 Datasheet
77Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126411 SENSITRON-SHD126411 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD116268 SENSITRON-SHD116268 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com