Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD137712 Datasheet(PDF) 3 Page - Sensitron

Part # SHD137712
Description  HERMETIC SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD137712 Datasheet(HTML) 3 Page - Sensitron

  SHD137712 Datasheet HTML 1Page - Sensitron SHD137712 Datasheet HTML 2Page - Sensitron SHD137712 Datasheet HTML 3Page - Sensitron SHD137712 Datasheet HTML 4Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
œ 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 œ
œ World Wide Web Site - http://www.sensitron.com œ E-Mail Address - sales@sensitron.com œ
SENSITRON
TECHNICAL DATA
DATASHEET 471, REV. -
0.0
0.2
0.4
0.6
0.8
Forward Voltage Drop - VF (V)
10-2
10-1
100
Typical Forward Characteristics
125 °C
150 °C
25 °C
0
10
20
30
40
50
Reverse Voltage - VR (V)
10-4
10-3
10-2
10-1
100
101
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
0
10
20
30
40
50
Reverse Voltage - VR (V)
10
15
20
25
30
35
40
45
50
Typical Junction Capacitance
SHD137712
SHD137712P


Similar Part No. - SHD137712

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD137711 SENSITRON-SHD137711 Datasheet
91Kb / 4P
   HERMETIC SCHOTTKY RECTIFIER
More results

Similar Description - SHD137712

ManufacturerPart #DatasheetDescription
logo
Sensitron
15LJQ150 SENSITRON-15LJQ150 Datasheet
93Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER
logo
Seme LAB
1N6492 SEME-LAB-1N6492 Datasheet
100Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER
logo
TT Electronics.
1N6492 TTELEC-1N6492 Datasheet
108Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER
logo
Sensitron
SHD137711 SENSITRON-SHD137711 Datasheet
91Kb / 4P
   HERMETIC SCHOTTKY RECTIFIER
SHD139222P SENSITRON-SHD139222P Datasheet
68Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER
SHD140222P SENSITRON-SHD140222P Datasheet
60Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER
SHD118444 SENSITRON-SHD118444 Datasheet
93Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119236 SENSITRON-SHD119236 Datasheet
78Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119434 SENSITRON-SHD119434 Datasheet
76Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119612 SENSITRON-SHD119612 Datasheet
75Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com