Electronic Components Datasheet Search |
|
STU2555NL Datasheet(PDF) 3 Page - SamHop Microelectronics Corp. |
|
STU2555NL Datasheet(HTML) 3 Page - SamHop Microelectronics Corp. |
3 / 8 page Parameter S ymbol Condition Min Typ Max Unit E LE CTR ICAL CHAR ACTE R IS TICS (TC=25 C unless otherwise noted) DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS Diode Forward Voltage VSD VGS = 0V, Is = 15A 1.2 V a Notes b.Guaranteed by design, not subject to production testing. a.Pulse Test:Pulse Width 300us, Duty Cycle 2%. F igure 2. Transfer C haracteristics F igure 4. On-R esistance Variation with Drain C urrent and Temperature F igure 3. C apacitance V DS , Drain-to S ource Voltage (V ) V GS , G ate-to-S ource Voltage (V ) 3 S TU/D2555NL 0 5 10 15 20 25 30 1500 1250 1000 750 500 250 0 -55 C 25 C 20 15 10 5 0 0 1 3 4 5 6 T j=125 C 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -55 -25 0 25 125 C iss C oss C rss 0.9 T j( C ) 100 50 75 V GS =10V ID=8A T j, J unction T emperature ( C ) F igure 1. Output C haracteristics V DS , Drain-to-S ource Voltage (V ) 20 16 12 8 4 0 0 0.5 1 1.5 2 2.5 3 V GS =3V V GS =4V V GS =5V 2 V GS =10V V GS =4.5V c.Guaranteed by design, not subject to production testing. d.Guaranteed when external R g=6 ohm and tf < tf max |
Similar Part No. - STU2555NL |
|
Similar Description - STU2555NL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |