Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD3055L2-60 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STD3055L2-60
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD3055L2-60 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STD3055L2-60 Datasheet HTML 1Page - SamHop Microelectronics Corp. STD3055L2-60 Datasheet HTML 2Page - SamHop Microelectronics Corp. STD3055L2-60 Datasheet HTML 3Page - SamHop Microelectronics Corp. STD3055L2-60 Datasheet HTML 4Page - SamHop Microelectronics Corp. STD3055L2-60 Datasheet HTML 5Page - SamHop Microelectronics Corp. STD3055L2-60 Datasheet HTML 6Page - SamHop Microelectronics Corp. STD3055L2-60 Datasheet HTML 7Page - SamHop Microelectronics Corp. STD3055L2-60 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STU/D3055L2-60
ELECTRICAL CHARACTERISTICS (TA 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS 0V, ID 250uA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS 16V, VGS 0V
1
uA
Gate-Body Leakage
IGSS
VGS 12V, VDS 0V
100
nA
ON CHARACTERISTICS
b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID= 250uA
0.7
V
Drain-Source On-State Resistance
RDS(ON)
VGS 4.5V, ID 6.0A
65
VGS 2.5V, ID 5.2A
90
On-State Drain Current
ID(ON)
VDS= 5V, VGS= 4.5V
A
S
Forward Transconductance
FS
g
VDS 10V, ID 6.0A
DYNAMIC CHARACTERISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
Reverse Transfer Capacitance
VDS=8V, VGS= 0V
f =1.0MHZ
P
F
P
F
P
F
SWITCHING CHARACTERISTICS
c
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
tD(ON)
t
tD(OFF)
t
VDD = 10V
ID = 1A
VGEN = 4.5V
RL= 10 ohm
RGEN= 6 ohm
ns
ns
ns
ns
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =10V, ID = 6A
VGS =10V
nC
nC
nC
C
Fall Time
2
m-ohm
m-ohm
VDS=10V,ID =6A,VGS=10V
VDS=10V,ID =6A,VGS=4.5V
nC
1.8
50
75
1.2
15
10
13.7
107
139
528
14.1
25.4
8.9
1.3
7.2
14.5
2.1


Similar Part No. - STD3055L2-60

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STD3055L2 SAMHOP-STD3055L2 Datasheet
722Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - STD3055L2-60

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com