Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL30360S7 Datasheet(PDF) 2 Page - Sensitron

Part # SL30360S7
Description  THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SL30360S7 Datasheet(HTML) 2 Page - Sensitron

  SL30360S7 Datasheet HTML 1Page - Sensitron SL30360S7 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 192, REV -
MECHANICAL DIMENSIONS: In Inches / mm
FIG. 406
FIG. 406A
Note: Suffix L denotes Option-A, which is the leaded version of Fig. 406
SL30360S7
SL30360S7L
AC
AC
AC
+
AC AC AC
+
1.50
(38.1)
1.375
(34.925)
2-56 UNC 4 Places
Min 6 Full Threads
.096(2.438)
.070(1.778)
.26(6.60)
.87
(22.09)
.26 Max.
(6.60)
.31
(7.87)
.095
(2.413)
.17(4.92)
Insulated Terminal
5 Places
.750
(19.05)
AC AC AC
+
AC
AC
AC
1.52
1.48
(38.61
37.59)
1.385
1.365
(35.18
34.67)
2-56 UNC 4 Places
Min 6 Full Threads
.50 (12.7)Min
.053
.047
(1.35
1.19)
.270
.250
(6.86
6.35)
.100 (2.54)Max
.89
.85
(22.61
21.59)
.33
.29
(8.38
7.37)
.760
.740
(19.30
18.80)
.19
.15
(4.83
3.81)
Dia
–+


Similar Part No. - SL30360S7

ManufacturerPart #DatasheetDescription
logo
Sensitron
SL30360S7 SENSITRON-SL30360S7 Datasheet
52Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL30360S7L SENSITRON-SL30360S7L Datasheet
52Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL30360S7 SENSITRON-SL30360S7_07 Datasheet
52Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - SL30360S7

ManufacturerPart #DatasheetDescription
logo
Sensitron
SL303100 SENSITRON-SL303100 Datasheet
57Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S455IE SENSITRON-S455IE Datasheet
47Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S10A320 SENSITRON-S10A320 Datasheet
61Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S25A320S7 SENSITRON-S25A320S7 Datasheet
68Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL303100FR SENSITRON-SL303100FR Datasheet
44Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S6A305FR SENSITRON-S6A305FR_07 Datasheet
50Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL30360S7 SENSITRON-SL30360S7_07 Datasheet
52Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S25A340 SENSITRON-S25A340_08 Datasheet
56Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S50A360FR SENSITRON-S50A360FR Datasheet
40Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SC3BA6 SENSITRON-SC3BA6 Datasheet
42Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S6A320 SENSITRON-S6A320 Datasheet
44Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com