Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM1M130-030 Datasheet(PDF) 4 Page - Sensitron

Part # SPM1M130-030
Description  Standard Industrial Grade MOSFET Power Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPM1M130-030 Datasheet(HTML) 4 Page - Sensitron

  SPM1M130-030 Datasheet HTML 1Page - Sensitron SPM1M130-030 Datasheet HTML 2Page - Sensitron SPM1M130-030 Datasheet HTML 3Page - Sensitron SPM1M130-030 Datasheet HTML 4Page - Sensitron SPM1M130-030 Datasheet HTML 5Page - Sensitron SPM1M130-030 Datasheet HTML 6Page - Sensitron SPM1M130-030 Datasheet HTML 7Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web Site - http://www.sensitron.com E-Mail Address - sales@sensitron.com
DATA SHEET 658, REV. -
Dual H-Bridge Devices
MOSFET CHARACTERISTICS
PART
NUMBER
VDSS
Volts
Continuous
Drain
Current
IC @ Tc=25oC
Amps
Pulsed
Drain
Current
TC=25oC
Amps
Rds(on)@ID
A
Ciss
Typ
nF
trr
max
25oC
ns
Maximum
PD@
TC=25oC
Watts
R JC
oC/W
SPC8M075-006
60
75
220
0.010
20
2.8
60
150
1.0
SPC8M045-010
100
45
130
0.030
20
3.5
170
180
0.70
SPC8M030-020
200
30
120
0.075
15
2.8
360
180
0.70
SPC8M011-060
600
11
45
0.55
5.0
2.7
250
180
0.40
DIODE CHARACTERISTICS
PART
NUMBER
Current Rating
IFavM @ D=0.5, Tc
Amps
oC
VF @ IF
TJ=25oC
Typ
Volts
Amps
trr @ -di/dt=100A/ sec, TJ=25oC
Typ
ns
Thermal
Resistance
R JC
oC/W
SPC8M075-006
25
80
1.05
25
30
1.6
SPC8M045-010
25
80
1.05
25
30
1.6
SPC8M030-020
25
80
1.05
25
30
1.6
SPC8M011-060
15
80
1.6
15
50
1.6
Three-Phase Bridge Devices
MOSFET CHARACTERISTICS
PART
NUMBER
VDSS
Volts
Continuous
Drain
Current
IC @ Tc=25oC
Amps
Pulsed
Drain
Current
TC=25oC
Amps
Rds(on)@ID
A
Ciss
Typ
nF
trr
max
25oC
ns
Maximum
PD@
TC=25oC
Watts
R JC
oC/W
SPC6M075-006
60
75
220
0.010
20
2.8
60
150
1.0
SPC6M045-010
100
45
130
0.030
20
3.5
170
180
0.70
SPC6M030-020
200
30
120
0.075
15
2.8
360
180
0.70
SPC6M011-060
600
11
45
0.55
5.0.
2.7
250
180
0.70
SPC6M006-060
1000
6.0
24
2.0
3.0
2.6
250
180
0.70
SPXXMXXX-XXX


Similar Part No. - SPM1M130-030

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
SPM1-051 CARLOGAVAZZI-SPM1-051 Datasheet
411Kb / 4P
   Modular Switching Power Supply Type SPM 1 DIN rail mounting
SPM1-121 CARLOGAVAZZI-SPM1-121 Datasheet
411Kb / 4P
   Modular Switching Power Supply Type SPM 1 DIN rail mounting
SPM1-151 CARLOGAVAZZI-SPM1-151 Datasheet
411Kb / 4P
   Modular Switching Power Supply Type SPM 1 DIN rail mounting
SPM1-241 CARLOGAVAZZI-SPM1-241 Datasheet
411Kb / 4P
   Modular Switching Power Supply Type SPM 1 DIN rail mounting
logo
Sumida Corporation
SPM1004 SUMIDA-SPM1004 Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
More results

Similar Description - SPM1M130-030

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQR-SD1I ADVANTECH-SQR-SD1I Datasheet
488Kb / 1P
   Industrial Grade
15-Jan-2014
logo
Semikron International
SKM453A020 SEMIKRON-SKM453A020 Datasheet
470Kb / 4P
   Power MOSFET Modules
SKM214A SEMIKRON-SKM214A Datasheet
473Kb / 4P
   Power MOSFET Modules
SKM180A020 SEMIKRON-SKM180A020_08 Datasheet
444Kb / 4P
   Power MOSFET Modules
SKM313B010 SEMIKRON-SKM313B010 Datasheet
443Kb / 4P
   Power MOSFET Modules
SKM111AR SEMIKRON-SKM111AR Datasheet
497Kb / 4P
   Power MOSFET Modules
SKM180A020 SEMIKRON-SKM180A020 Datasheet
438Kb / 4P
   Power MOSFET Modules
SKM121AR SEMIKRON-SKM121AR Datasheet
438Kb / 4P
   Power MOSFET Modules
SKM111AR SEMIKRON-SKM111AR_08 Datasheet
503Kb / 4P
   Power MOSFET Modules
logo
All Sensors Corporation
PSI-D-4VPRIME-ND ASC-PSI-D-4VPRIME-ND Datasheet
256Kb / 6P
   Industrial Temperature Grade
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com