Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-X5-133AFW Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AMD-X5-133AFW
Description  Am5X86??Microprocessor Family
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-X5-133AFW Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AMD-X5-133AFW Datasheet HTML 4Page - Advanced Micro Devices AMD-X5-133AFW Datasheet HTML 5Page - Advanced Micro Devices AMD-X5-133AFW Datasheet HTML 6Page - Advanced Micro Devices AMD-X5-133AFW Datasheet HTML 7Page - Advanced Micro Devices AMD-X5-133AFW Datasheet HTML 8Page - Advanced Micro Devices AMD-X5-133AFW Datasheet HTML 9Page - Advanced Micro Devices AMD-X5-133AFW Datasheet HTML 10Page - Advanced Micro Devices AMD-X5-133AFW Datasheet HTML 11Page - Advanced Micro Devices AMD-X5-133AFW Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
8Am5X86 Microprocessor
AMD
PRELIMINARY
1
CONNECTION DIAGRAMS AND PIN DESIGNATIONS
1.1
168-pin PGA (Pin Grid Array) Package
AB
CD
EF
GH
J
K
LMN
P
QR
S
AB
CD
EF
GH
J
K
LMN
P
Q
R
S
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
D20
D19
D11
D9
VSS
DP1
VSS
VSS
INC
VSS
VSS
VSS
D2
D0
A31
A28
A27
D22
D21
D18
D13
VCC
D8
VCC
D3
D5
VCC
D6
VCC
D1
A29
VSS
A25
A26
TCK
VSS
CLK
D17
D10
D15
D12
DP2
D16
D14
D7
D4
DP0
A30
A17
VCC
A23
D23
VSS
VCC
A19
VSS
VOLDET
DP3
VSS
VCC
D13
VCC
D8
VCC
D3
D5
VCC
D6
VCC
D1
A29
A21
A18
A14
D24
D25
D27
D13
VCC
D8
VCC
D3
D5
VCC
D6
VCC
D1
A29
A24
VCC
VSS
VSS
VCC
D26
D13
VCC
D8
VCC
D3
D5
VCC
D6
VCC
D1
A29
A22
A15
A12
D29
D31
D28
D13
VCC
D8
VCC
D3
D5
VCC
D6
VCC
D1
A29
A20
VCC
VSS
VSS
VCC
D30
D13
VCC
D8
VCC
D3
D5
VCC
D6
VCC
D1
A29
A16
VCC
VSS
TDI
TMS
FERR
A2
VCC
VSS
INV
SMI SRESET
VCC
D8
VCC
D3
D5
VCC
D6
VCC
D1
A29
A13
VCC
VSS
VSS
VCC
UP
D13
VCC
D8
VCC
D3
D5
VCC
D6
VCC
D1
A29
A9
VCC
VSS
HITM CACHE SMIACT
A5
A11
VSS
INC
WB/WT INC
A7
A8
A10
IGNNE
NMI FLUSH A20M HOLD KEN STPCLK BRDY BE2
BE0
PWT
D/C
LOCK HLDA BREQ
A3
A6
INTR
TDO RESET BS8
VCC
RDY
VCC
VCC
BE1
VCC
VCC
VCC
M/IO
VCC
PLOCK BLAST A4
AHOLD EADS
BS16 BOFF
VSS
BE3
VSS
VSS
PCD
VSS
VSS
VSS
W/R
VSS
PCHK CLKMUL ADS
PIN SIDE VIEW


Similar Part No. - AMD-X5-133AFW

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AMD-12V030WXYA DELTA-AMD-12V030WXYA Datasheet
313Kb / 5P
   30Watts Output Power
AMD-24V060WXYA DELTA-AMD-24V060WXYA Datasheet
881Kb / 5P
   60Watts Output Power
AMD-24V080WXYA DELTA-AMD-24V080WXYA Datasheet
315Kb / 5P
   80Watts Output Power
logo
PAIRUI GROUP INC.
AMD-3 PAIRUI-AMD-3 Datasheet
485Kb / 4P
   AC-DC Converter
AMD-4 PAIRUI-AMD-4 Datasheet
485Kb / 4P
   AC-DC Converter
More results

Similar Description - AMD-X5-133AFW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12XD FREESCALE-MC9S12XD Datasheet
1Mb / 28P
   16-BIT MICROPROCESSOR FAMILY
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
   CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Advanced Micro Devices
80186 AMD-80186 Datasheet
3Mb / 56P
   High Integration 16-Bit Microprocessor iAPX86 Family
logo
ATMEL Corporation
TSPC603R ATMEL-TSPC603R Datasheet
587Kb / 58P
   PowerPC 603e RISC Microprocessor Family PID7t-603e
logo
Renesas Technology Corp
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
   Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
logo
NXP Semiconductors
MPC604E9QEC NXP-MPC604E9QEC Datasheet
570Kb / 29P
   PowerPCTM RISC Microprocessor Family: PID9q-604e Hardware SpeciÞcations
3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com