Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-X5-133AFZ Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AMD-X5-133AFZ
Description  Am5X86??Microprocessor Family
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-X5-133AFZ Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AMD-X5-133AFZ Datasheet HTML 7Page - Advanced Micro Devices AMD-X5-133AFZ Datasheet HTML 8Page - Advanced Micro Devices AMD-X5-133AFZ Datasheet HTML 9Page - Advanced Micro Devices AMD-X5-133AFZ Datasheet HTML 10Page - Advanced Micro Devices AMD-X5-133AFZ Datasheet HTML 11Page - Advanced Micro Devices AMD-X5-133AFZ Datasheet HTML 12Page - Advanced Micro Devices AMD-X5-133AFZ Datasheet HTML 13Page - Advanced Micro Devices AMD-X5-133AFZ Datasheet HTML 14Page - Advanced Micro Devices AMD-X5-133AFZ Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Am5X86 Microprocessor
11
AMD
PRELIMINARY
1.4
208-pin SQFP Designations (Functional Grouping)
Address
Data
Control
Test
INC
Vcc
Vss
Pin Name
Pin
No.
Pin Name
Pin
No.
Pin
Name
Pin
No.
Pin
Name
Pin
No.
Pin
No.
Pin
No.
Pin
No.
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
A23
A24
A25
A26
A27
A28
A29
A30
A31
202
197
196
195
193
192
190
187
186
182
180
178
177
174
173
171
166
165
164
161
160
159
158
154
153
152
151
149
148
147
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
D18
D19
D20
D21
D22
D23
D24
D25
D26
D27
D28
D29
D30
D31
144
143
142
141
140
130
129
126
124
123
119
118
117
116
113
112
108
103
101
100
99
93
92
91
87
85
84
83
79
78
75
74
A20M
ADS
AHOLD
BE0
BE1
BE2
BE3
BLAST
BOFF
BRDY
BREQ
BS8
BS16
CACHE
CLK
CLKMUL
D/C
DP0
DP1
DP2
DP3
EADS
FERR
FLUSH
HITM
HLDA
HOLD
IGNNE
INTR
INV
KEN
LOCK
M/IO
NMI
PCD
PCHK
PLOCK
PWT
RDY
RESET
SMI
SRESET
STPCLK
SMIACT
UP
WB/WT
W/R
47
203
17
31
32
33
34
204
6
5
30
8
7
70
24
11
39
145
125
109
90
46
66
49
63
26
16
72
50
71
13
207
37
51
41
4
206
40
12
48
65
58
73
59
194
64
27
TCK
TDI
TDO
TMS
18
168
68
167
3
67
96
127
2
9
14
19
20
22
23
25
29
35
38
42
44
45
54
56
60
62
69
77
80
82
86
89
95
98
102
106
111
114
121
128
131
133
134
136
137
139
150
155
162
163
169
172
176
179
183
185
188
191
198
200
205
1
10
15
21
28
36
43
52
53
55
57
61
76
81
88
94
97
104
105
107
110
115
120
122
132
135
138
146
156
157
170
175
181
184
189
199
201
208
Note:
INC = Internal No Connect


Similar Part No. - AMD-X5-133AFZ

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AMD-12V030WXYA DELTA-AMD-12V030WXYA Datasheet
313Kb / 5P
   30Watts Output Power
AMD-24V060WXYA DELTA-AMD-24V060WXYA Datasheet
881Kb / 5P
   60Watts Output Power
AMD-24V080WXYA DELTA-AMD-24V080WXYA Datasheet
315Kb / 5P
   80Watts Output Power
logo
PAIRUI GROUP INC.
AMD-3 PAIRUI-AMD-3 Datasheet
485Kb / 4P
   AC-DC Converter
AMD-4 PAIRUI-AMD-4 Datasheet
485Kb / 4P
   AC-DC Converter
More results

Similar Description - AMD-X5-133AFZ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12XD FREESCALE-MC9S12XD Datasheet
1Mb / 28P
   16-BIT MICROPROCESSOR FAMILY
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
   CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Advanced Micro Devices
80186 AMD-80186 Datasheet
3Mb / 56P
   High Integration 16-Bit Microprocessor iAPX86 Family
logo
ATMEL Corporation
TSPC603R ATMEL-TSPC603R Datasheet
587Kb / 58P
   PowerPC 603e RISC Microprocessor Family PID7t-603e
logo
Renesas Technology Corp
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
   Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
logo
NXP Semiconductors
MPC604E9QEC NXP-MPC604E9QEC Datasheet
570Kb / 29P
   PowerPCTM RISC Microprocessor Family: PID9q-604e Hardware SpeciÞcations
3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com