Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT30GP60BDQ1G Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APT30GP60BDQ1G
Description  POWER MOS 7 IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30GP60BDQ1G Datasheet(HTML) 6 Page - Advanced Power Technology

  APT30GP60BDQ1G Datasheet HTML 1Page - Advanced Power Technology APT30GP60BDQ1G Datasheet HTML 2Page - Advanced Power Technology APT30GP60BDQ1G Datasheet HTML 3Page - Advanced Power Technology APT30GP60BDQ1G Datasheet HTML 4Page - Advanced Power Technology APT30GP60BDQ1G Datasheet HTML 5Page - Advanced Power Technology APT30GP60BDQ1G Datasheet HTML 6Page - Advanced Power Technology APT30GP60BDQ1G Datasheet HTML 7Page - Advanced Power Technology APT30GP60BDQ1G Datasheet HTML 8Page - Advanced Power Technology APT30GP60BDQ1G Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
APT30GP60BDQ1(G)
Figure 22, Turn-on Switching Waveforms and Definitions
Figure 23, Turn-off Switching Waveforms and Definitions
T
J = 125°C
Collector Current
CollectorVoltage
Gate Voltage
Switching Energy
5%
10%
t
d(on)
90%
10%
t
r
5%
T
J = 125°C
Gate Voltage
Switching Energy
0
90%
t
d(off)
10%
t
f
90%
APT15DQ60
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
IC
A
D.U.T.
VCE
Figure 21, Inductive Switching Test Circuit
VCC
*DRIVER SAME TYPE AS D.U.T.
IC
VCLAMP
100uH
VTEST
A
A
B
D.U.T.
DRIVER*
VCE
Figure 24, EON1 Test Circuit
Collector Current
Collector Voltage


Similar Part No. - APT30GP60BDQ1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30GP60B ADPOW-APT30GP60B Datasheet
92Kb / 6P
   POWER MOS 7 IGBT
APT30GP60B ADPOW-APT30GP60B Datasheet
216Kb / 6P
   POWER MOS 7 IGBT
logo
Microsemi Corporation
APT30GP60B2DL MICROSEMI-APT30GP60B2DL Datasheet
219Kb / 9P
   Resonant Mode Combi IGBT
APT30GP60B2DLG MICROSEMI-APT30GP60B2DLG Datasheet
219Kb / 9P
   Resonant Mode Combi IGBT
logo
Advanced Power Technolo...
APT30GP60BG ADPOW-APT30GP60BG Datasheet
216Kb / 6P
   POWER MOS 7 IGBT
More results

Similar Description - APT30GP60BDQ1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT25GP90BDF1 ADPOW-APT25GP90BDF1 Datasheet
209Kb / 9P
   POWER MOS 7 IGBT
APT65GP60L2DF2 ADPOW-APT65GP60L2DF2 Datasheet
201Kb / 9P
   POWER MOS 7 IGBT
APT80GP60B2 ADPOW-APT80GP60B2 Datasheet
94Kb / 6P
   POWER MOS 7 IGBT
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
   POWER MOS 7 IGBT
APT50GP60J ADPOW-APT50GP60J Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT35GP120B2DQ2 ADPOW-APT35GP120B2DQ2 Datasheet
426Kb / 9P
   POWER MOS 7 IGBT
APT40GP60B ADPOW-APT40GP60B Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT45GP120J ADPOW-APT45GP120J Datasheet
99Kb / 6P
   POWER MOS 7 IGBT
APT45GP120JDQ2 ADPOW-APT45GP120JDQ2 Datasheet
455Kb / 9P
   POWER MOS 7 IGBT
APT11GP60BDQB ADPOW-APT11GP60BDQB Datasheet
212Kb / 7P
   POWER MOS 7 IGBT
APT25GP120B ADPOW-APT25GP120B Datasheet
95Kb / 6P
   POWER MOS 7 IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com