Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT33GF120B2RDQ2 Datasheet(PDF) 8 Page - Advanced Power Technology

Part # APT33GF120B2RDQ2
Description  FAST IGBT & FRED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT33GF120B2RDQ2 Datasheet(HTML) 8 Page - Advanced Power Technology

  APT33GF120B2RDQ2 Datasheet HTML 1Page - Advanced Power Technology APT33GF120B2RDQ2 Datasheet HTML 2Page - Advanced Power Technology APT33GF120B2RDQ2 Datasheet HTML 3Page - Advanced Power Technology APT33GF120B2RDQ2 Datasheet HTML 4Page - Advanced Power Technology APT33GF120B2RDQ2 Datasheet HTML 5Page - Advanced Power Technology APT33GF120B2RDQ2 Datasheet HTML 6Page - Advanced Power Technology APT33GF120B2RDQ2 Datasheet HTML 7Page - Advanced Power Technology APT33GF120B2RDQ2 Datasheet HTML 8Page - Advanced Power Technology APT33GF120B2RDQ2 Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
APT33GF120B2_LRDQ2(G)
TJ = 125°C
VR = 800V
20A
40A
80A
600
500
400
300
200
100
0
35
30
25
20
15
10
5
0
Duty cycle = 0.5
TJ = 175°C
80
70
60
50
40
30
20
10
0
T
J, JUNCTION TEMPERATURE (°C)
Case Temperature (°C)
Figure 29. Dynamic Parameters vs. Junction Temperature
Figure 30. Maximum Average Forward Current vs. CaseTemperature
V
R, REVERSE VOLTAGE (V)
Figure 31. Junction Capacitance vs. Reverse Voltage
V
F, ANODE-TO-CATHODE VOLTAGE (V)
-di
F /dt, CURRENT RATE OF CHANGE(A/µs)
Figure 25. Forward Current vs. Forward Voltage
Figure 26. Reverse Recovery Time vs. Current Rate of Change
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
Figure 27. Reverse Recovery Charge vs. Current Rate of Change
Figure 28. Reverse Recovery Current vs. Current Rate of Change
T
J = 175°C
T
J = -55°C
T
J = 25°C
T
J = 125°C
0
1
2
3
4
0
200
400
600
800
1000 1200
0
200
400
600
800
1000 1200
0
200
400
600
800
1000 1200
TJ = 125°C
VR = 800V
80A
20A
40A
120
100
80
60
40
20
0
5000
4500
4000
3500
3000
2500
2000
1500
1000
500
0
TJ = 125°C
VR = 800V
80A
40A
20A
t
rr
Q
rr
Q
rr
t
rr
I
RRM
1.2
1.0
0.8
0.6
0.4
0.2
0.0
200
150
100
50
0
0
25
50
75
100
125
150
25
50
75
100
125
150
175
1
10
100 200


Similar Part No. - APT33GF120B2RDQ2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT33GF120B2RD ADPOW-APT33GF120B2RD Datasheet
141Kb / 8P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
More results

Similar Description - APT33GF120B2RDQ2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT11GF120BRDQ1 ADPOW-APT11GF120BRDQ1 Datasheet
429Kb / 9P
   FAST IGBT & FRED
logo
Microsemi Corporation
APT40GF120JRDQ2 MICROSEMI-APT40GF120JRDQ2 Datasheet
577Kb / 9P
   FAST IGBT & FRED
logo
Advanced Power Technolo...
APT50GF120JRDQ3 ADPOW-APT50GF120JRDQ3 Datasheet
449Kb / 9P
   FAST IGBT & FRED
APT60GF120JRDQ3 ADPOW-APT60GF120JRDQ3 Datasheet
446Kb / 9P
   FAST IGBT & FRED
APT20GF120BRDQ1 ADPOW-APT20GF120BRDQ1 Datasheet
464Kb / 9P
   FAST IGBT & FRED
logo
Vincotech
V23990-P632-A-P1-14 VINCOTECH-V23990-P632-A-P1-14 Datasheet
243Kb / 18P
   IGBT FRED
V23990-P633-A-P1-19 VINCOTECH-V23990-P633-A-P1-19 Datasheet
60Kb / 3P
   IGBT FRED
V23990-P634-A-P1-14 VINCOTECH-V23990-P634-A-P1-14 Datasheet
228Kb / 18P
   IGBT FRED
V23990-P634-A-P1-19 VINCOTECH-V23990-P634-A-P1-19 Datasheet
67Kb / 3P
   IGBT FRED
V23990-P635-A-P1-19 VINCOTECH-V23990-P635-A-P1-19 Datasheet
62Kb / 3P
   IGBT FRED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com