Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66510FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M66510FP
Description  LASER-DIODE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66510FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M66510FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66510FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66510FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66510FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66510FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66510FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66510FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66510FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66510FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
MITSUBISHI
〈DIGITAL ASSP〉
M66510P/FP
LASER-DIODE DRIVER
MITSUBISHI
〈DIGITAL ASSP〉
M66510P/FP
LASER-DIODE DRIVER
DESCRIPTION
The M66510 is a semiconductor laser diode driver that drives
a semiconductor laser of the type whose cathode and the
anode of monitor photodiode are connected to the stem.
Laser driving current of up to 120mA can be set by applying
constant voltage from outside to drive the laser diode.
It operates from a 5V single power supply, allowing switching
of laser driving current at a speed of 20M bits/sec.
*: Our semiconductor laser is of R type.
FEATURES
• Built-in two outputs for monitoring laser power (comparator
output and analog output)
• With laser driving current forced off pin
• High-speed switching (20M bits/s)
• High driving current (120mA max.)
• 5V single power supply
APPLICATION
Laser beam printer
PIN CONFIGURATION (TOP VIEW)
BLOCK DIAGRAM
2
12
VL1
LINEAR
AMPLIFIER
MONITOR OUTPUT
MO
9
1RM
10
2RM
16
PD
MONITOR
DIODE INPUT
18
LD
LASER
DIODE OUTPUT
IL = IL1 + IL2 + IL3
VL1, 1RC: LASER CURRENT (IL1) SETTING PIN
VL2, 2RC: LASER CURRENT (IL2) SETTING PIN
3RC: LASER CURRENT (IL3) SETTING PIN
VCC1, GND1: IC INTERNAL ANALOG POWER SUPPLY PIN
VCC2, GND2: IC INTERNAL DIGITAL POWER SUPPLY PIN
11
CD
DUTY
CONTROL INPUT
15
DATA
DATA INPUT
6
VOFF
LASER CURRENT
FORCED OFF
13
COMPARATOR OUTPUT
CO
20
1RO
19
2RO
COMPARATOR
(Vref = 1.2V)
CONSTANT CURRENT
SOURCE (IL1)
Max. 60mA
CONSTANT CURRENT
SOURCE (IL2)
Max. 30mA
CONSTANT CURRENT
SOURCE (IL3)
Max. 30mA
DIFFERENTIAL AMPLIFIER
CURRENT SWITCHING CIRCUIT
3
1RC
4
VL2
5
2RC
7
3RC
1
VCC1
14
VCC2
17
GND2
8
GND1
CURRENT
SETTING
INPUT 1
CURRENT
SETTING
INPUT 2
15
16
17
18
19
LASER CURRENT
LOAD OUTPUT 1
LASER CURRENT
LOAD OUTPUT 2
LASER DIODE
OUTPUT
MONITOR DIODE
INPUT
DATA INPUT
MONITOR
COMPARATOR
OUTPUT
MONITOR ANALOG
OUTPUT
DUTY
CONTROL INPUT
11
12
13
14
20
CURRENT SETTING
INPUT 1
CURRENT SETTING
LOAD OUTPUT 1
CURRENT SETTING
INPUT 2
CURRENT SETTING
LOAD OUTPUT 2
LASER CURRENT
FORCED OFF INPUT
CURRENT SETTING
LOAD OUTPUT 3
MONITOR
LOAD INPUT 1
MONITOR
LOAD INPUT 2
1
10
9
8
7
6
5
4
3
2
1RC ←
2RM →
2RC ←
VL2
VL1
3RC ←
VOFF
1RM →
VCC1
GND1
← PD
← CD
← DATA
→ 2RO
GND2
VCC2
→ 1RO
→ LD
→ CO
→ MO
Outline 20P4K


Similar Part No. - M66510FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66512FP MITSUBISHI-M66512FP Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66515 MITSUBISHI-M66515 Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
logo
Renesas Technology Corp
M66515FP RENESAS-M66515FP Datasheet
173Kb / 12P
   Laser Diode Driver/Controller
More results

Similar Description - M66510FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
IC-Haus GmbH
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
   Laser Diode Driver
logo
Sony Corporation
CXB1818Q SONY-CXB1818Q Datasheet
225Kb / 17P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6330 ETC-HY6330 Datasheet
176Kb / 2P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com