Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66512P Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M66512P
Description  LASER-DIODE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66512P Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M66512P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M66512P Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
MITSUBISHI
〈DIGITAL ASSP〉
M66512P/FP
LASER-DIODE DRIVER
EVALUATION OF SWITCHING OPERATION WAVEFORMS
Note: The delay from the DATA input to the laser light output contains the delay occurring in measuring systems.
SWITCHING OPERATION WAVEFORMS
Note 9. tr=tf=6ns, VO=3VP-P, duty=50%
DATA input
(2V/div)
Laser light output
(1mW/div)
10Mbit/s (t : 50ns/div)
20Mbit/s (t : 20ns/div)
25Mbit/s (t : 20ns/div)
40Mbit/s (t : 10ns/div)
3V
0V
3mW
0mW
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
GND
VL1
VL2
VOFF
GND
CO
MO
DATA
PD
VCC1
VL1
VL2
1RC
2RC
VOFF
3RC
GND1
1RM
2RM
1RO
NC
GND2
LD
PD
DATA
VCC2
CO
MO
NC
P.G.
50
680
680
680
50
2
100
RO
20
(
V
V
)
RLD
()
CLD
300pF
ML44114N
RD
0.1
µF
3k
RM
JP
22
µF
0.1
µF
VCC=5V
Ta=25°
Connector
Light intensity
meter
Oscilloscope
(laser light output)
(
): Optimum values of RLD and CLD
may vary depending on the kind
of the laser in use and the pattern
of the printed board.
(Note 9)
Oscilloscope (data input)
Evaluation Circuit
RC1
RC2
RC3
C
V


Similar Part No. - M66512P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510 MITSUBISHI-M66510 Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
M66510FP MITSUBISHI-M66510FP Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
M66515 MITSUBISHI-M66515 Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
More results

Similar Description - M66512P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
IC-Haus GmbH
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
   Laser Diode Driver
logo
Sony Corporation
CXB1818Q SONY-CXB1818Q Datasheet
225Kb / 17P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6330 ETC-HY6330 Datasheet
176Kb / 2P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com