Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT40DQ60BG Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT40DQ60BG
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40DQ60BG Datasheet(HTML) 2 Page - Advanced Power Technology

  APT40DQ60BG Datasheet HTML 1Page - Advanced Power Technology APT40DQ60BG Datasheet HTML 2Page - Advanced Power Technology APT40DQ60BG Datasheet HTML 3Page - Advanced Power Technology APT40DQ60BG Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APT40DQ60B(G)_S(G)
DYNAMIC CHARACTERISTICS
APT Reserves the right to change, without notice, the specifications and information contained herein.
MIN
TYP
MAX
-
22
-
25
-
35
-
3
-
-
160
-
480
-
6
-
-
85
-
920
-
20
UNIT
ns
nC
Amps
ns
nC
Amps
ns
nC
Amps
Characteristic
Reverse Recovery Time
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Symbol
t
rr
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
Test Conditions
I
F = 40A, diF/dt = -200A/µs
V
R = 400V, TC = 25°C
I
F = 40A, diF/dt = -200A/µs
V
R = 400V, TC = 125°C
I
F = 40A, diF/dt = -1000A/µs
V
R = 400V, TC = 125°C
I
F = 1A, diF/dt = -100A/µs, VR = 30V, TJ = 25°C
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (seconds)
FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
0.5
SINGLE PULSE
0.1
0.3
0.7
0.05
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t2
t2
t1
Note:
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Package Weight
Maximum Mounting Torque
Symbol
RθJC
W
T
Torque
MIN
TYP
MAX
.67
0.22
5.9
10
1.1
UNIT
°C/W
oz
g
lb•in
N•m
D = 0.9
0.289
0.381
0.00448
0.120
Power
(watts)
RC MODEL
Junction
temp(°C)
Case temperature(°C)


Similar Part No. - APT40DQ60BG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT40DQ60BCT ADPOW-APT40DQ60BCT Datasheet
123Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
APT40DQ60BCT THINKISEMI-APT40DQ60BCT Datasheet
3Mb / 5P
   2*40A/600V Heatsink Dual Cathode Common Ultra Fast Recovery Rectifiers
logo
Advanced Power Technolo...
APT40DQ60BCTG ADPOW-APT40DQ60BCTG Datasheet
123Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
APT40DQ60BCTG THINKISEMI-APT40DQ60BCTG Datasheet
3Mb / 5P
   2*40A/600V Heatsink Dual Cathode Common Ultra Fast Recovery Rectifiers
More results

Similar Description - APT40DQ60BG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D60B ADPOW-APT15D60B Datasheet
54Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D60H ADPOW-APT30D60H Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40C ADPOW-APT15D40C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40K ADPOW-APT15D40K Datasheet
22Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60C ADPOW-APT15D60C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT8DQ60K3CT MICROSEMI-APT8DQ60K3CT Datasheet
128Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60K MICROSEMI-APT8DQ60K Datasheet
262Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60KCT MICROSEMI-APT8DQ60KCT Datasheet
255Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT15D60BCT ADPOW-APT15D60BCT_05 Datasheet
125Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT15DQ100BCT MICROSEMI-APT15DQ100BCT Datasheet
249Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT30D100BCT ADPOW-APT30D100BCT_05 Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com