Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT40M35JVFR Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT40M35JVFR
Description  POWER MOS V FREDFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40M35JVFR Datasheet(HTML) 4 Page - Advanced Power Technology

  APT40M35JVFR Datasheet HTML 1Page - Advanced Power Technology APT40M35JVFR Datasheet HTML 2Page - Advanced Power Technology APT40M35JVFR Datasheet HTML 3Page - Advanced Power Technology APT40M35JVFR Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
Qg, TOTAL GATE CHARGE (nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
APT40M35JVFR
SOT-227 (ISOTOP®) Package Outline
31.5 (1.240)
31.7 (1.248)
Dimensions in Millimeters and (Inches)
7.8 (.307)
8.2 (.322)
30.1 (1.185)
30.3 (1.193)
38.0 (1.496)
38.2 (1.504)
14.9 (.587)
15.1 (.594)
11.8 (.463)
12.2 (.480)
8.9 (.350)
9.6 (.378)
Hex Nut M4
(4 places)
0.75 (.030)
0.85 (.033)
12.6 (.496)
12.8 (.504)
25.2 (0.992)
25.4 (1.000)
1.95 (.077)
2.14 (.084)
* Source
Drain
Gate
*
r = 4.0 (.157)
(2 places)
4.0 (.157)
4.2 (.165)
(2 places)
W=4.1 (.161)
W=4.3 (.169)
H=4.8 (.187)
H=4.9 (.193)
(4 places)
3.3 (.129)
3.6 (.143)
* Source
Source terminals are shorted
internally. Current handling
capability is equal for either
Source terminal.
ISOTOP® is a Registered Trademark of SGS Thomson.
"UL Recognized" File No. E145592
APT’s products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.
TC=+25°C
TJ=+150°C
SINGLE PULSE
OPERATIONHERE
LIMITEDBYRDS(ON)
1
5 10
50 100
400
.01
.1
1
10
50
0
250
500
750
1000
1250
0.2
0.4
0.6
0.8
1.0
1.2
1.4
60,000
10,000
5,000
1,000
500
300
100
50
10
5
1
VDS=80V
VDS=320V
10µS
10mS
100mS
DC
1mS
TJ=+150°C
TJ =+25°C
Crss
Coss
Ciss
400
100
50
10
5
1
.5
.1
20
16
12
8
4
0
100µS
VDS=200V
I
D = 0.5 ID [Cont.]


Similar Part No. - APT40M35JVFR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT40M35JVR ADPOW-APT40M35JVR Datasheet
72Kb / 4P
   Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
More results

Similar Description - APT40M35JVFR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT60M80L2VFR ADPOW-APT60M80L2VFR Datasheet
164Kb / 5P
   POWER MOS V FREDFET
APT5015BVFR ADPOW-APT5015BVFR Datasheet
116Kb / 4P
   POWER MOS V FREDFET
APT4014BVFR ADPOW-APT4014BVFR Datasheet
73Kb / 4P
   POWER MOS V FREDFET
APT20M18B2VFR ADPOW-APT20M18B2VFR_04 Datasheet
155Kb / 4P
   POWER MOS V FREDFET
APT14050JVFR ADPOW-APT14050JVFR Datasheet
135Kb / 4P
   POWER MOS V FREDFET
APT60M75JVFR ADPOW-APT60M75JVFR Datasheet
948Kb / 4P
   POWER MOS V FREDFET
APT1001RBVFR ADPOW-APT1001RBVFR Datasheet
123Kb / 4P
   POWER MOS V FREDFET
APT6020B2VFR ADPOW-APT6020B2VFR Datasheet
116Kb / 4P
   POWER MOS V FREDFET
APT6040BVFR ADPOW-APT6040BVFR Datasheet
150Kb / 4P
   POWER MOS V FREDFET
APT12040JVFR ADPOW-APT12040JVFR Datasheet
126Kb / 4P
   POWER MOS V FREDFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com