Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50GT120JU3 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT50GT120JU3
Description  ISOTOP Buck chopper Trench IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT50GT120JU3 Datasheet(HTML) 4 Page - Advanced Power Technology

  APT50GT120JU3 Datasheet HTML 1Page - Advanced Power Technology APT50GT120JU3 Datasheet HTML 2Page - Advanced Power Technology APT50GT120JU3 Datasheet HTML 3Page - Advanced Power Technology APT50GT120JU3 Datasheet HTML 4Page - Advanced Power Technology APT50GT120JU3 Datasheet HTML 5Page - Advanced Power Technology APT50GT120JU3 Datasheet HTML 6Page - Advanced Power Technology APT50GT120JU3 Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
APT50GT120JU3
APT website – http://www.advancedpower.com
4- 7
Output Characteristics (VGE=15V)
TJ=25°C
TJ=125°C
0
25
50
75
100
01234
VCE (V)
Output Characteristics
VGE=15V
VGE=13V
VGE=17V
VGE=9V
0
25
50
75
100
01234
VCE (V)
TJ = 125°C
Transfert Characteristics
TJ=25°C
TJ=125°C
0
25
50
75
100
5
6
7
8
9
101112
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
0
4
8
12
16
20
025
50
75
100
IC (A)
VCE = 600V
VGE = 15V
RG = 18 Ω
TJ = 125°C
Eon
Eoff
0
2
4
6
8
10
12
5
1015
202530
Gate Resistance (ohms)
VCE = 600V
VGE =15V
IC = 50A
TJ = 125°C
Switching Energy Losses vs Gate Resistance
Reverse Safe Operating Area
0
20
40
60
80
100
120
0
400
800
1200
1600
VCE (V)
VGE=15V
TJ=125°C
RG=18 Ω
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
IGBT


Similar Part No. - APT50GT120JU3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT50GT120JU3 MICROSEMI-APT50GT120JU3 Datasheet
511Kb / 7P
   ISOTOP짰 Buck chopper Trench Field Stop IGBT짰
More results

Similar Description - APT50GT120JU3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT100GT120JU3 ADPOW-APT100GT120JU3 Datasheet
607Kb / 7P
   ISOTOP Buck chopper Trench IGBT
APT35GT120JU3 ADPOW-APT35GT120JU3 Datasheet
609Kb / 7P
   ISOTOP Buck chopper Trench IGBT
logo
Microsemi Corporation
APT35GT120JU2 MICROSEMI-APT35GT120JU2 Datasheet
506Kb / 7P
   ISOTOP Buck chopper Trench IGBT
APT35GT120JU3 MICROSEMI-APT35GT120JU3 Datasheet
506Kb / 7P
   ISOTOP Buck chopper Trench IGBT
APT100GT120JU3 MICROSEMI-APT100GT120JU3 Datasheet
505Kb / 7P
   ISOTOP Buck chopper Trench IGBT
logo
Advanced Power Technolo...
APT75GT120JU3 ADPOW-APT75GT120JU3 Datasheet
608Kb / 7P
   ISOTOP Buck chopper Trench IGBT
logo
Microsemi Corporation
APT75GT120JU3 MICROSEMI-APT75GT120JU3 Datasheet
507Kb / 7P
   ISOTOP Buck chopper Trench IGBT
logo
Advanced Power Technolo...
APT60GF60JU3 ADPOW-APT60GF60JU3 Datasheet
526Kb / 8P
   ISOTOP Buck chopper NPT IGBT
logo
Microsemi Corporation
APT100GF60JU3 MICROSEMI-APT100GF60JU3 Datasheet
431Kb / 9P
   ISOTOP Buck chopper NPT IGBT
logo
Advanced Power Technolo...
APT30GF60JU3 ADPOW-APT30GF60JU3 Datasheet
476Kb / 8P
   ISOTOP Buck chopper NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com