Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS150 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PS150
Description  PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PS150 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PS150 Datasheet HTML 1Page - Pan Jit International Inc. PS150 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATE : SEP.14.2002
FEATURES
• Low cost
• High current capability
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• 1.5 Ampere operation at T
A =50°C with no
thermal runaway.
• Exceeds environmental standards of MIL-S-19500/228
• Low leakage
MECHANICALDATA
Case: Molded plastic, DO-15
Terminals: Axial leads, solderable to MIL-STD-202,Method 208
Polarity: Color Band denotes cathode end
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
PS150~PS1510
PLASTIC SILICON RECTIFIER
VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Current .375"(9.5mm)
lead length at T
A=60°C
Peak Forward Surge Current, IFM (surge):8.3ms single half
sine-wave superimposed on rated load(JEDEC method)
Maximum Forward Voltage at 1.5A DC
Maximum DC Reverse Current at Rated DC Blocking Voltage
T
A=25°C
Maximum DC Reverse Current at Rated DC Blocking Voltage
T
A=100°C
Typical Junction capacitance (Note 1)
Typical Junction Resistance(Note 2) R
θJA
Operating and Storage Temperature Range T
J ,TSTG
1.5
50.0
1.10
5.0
25.0
45.0
-55 to +150
V
V
V
A
A
V
µA
pF
UNIT
°C/ W
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
500
µA
°C
DATA SHEET
DO-15
Unit: inch ( mm )
.140(3.6)
.104(2.6)
.034(.86)
.028(.71)
PS150
50
35
50
PS1510
1000
700
1000
PS158
800
560
800
PS156
600
420
600
PS154
400
280
400
PS152
200
140
200
PS151
100
70
100


Similar Part No. - PS150

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS150 PANJIT-PS150 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS150 PANJIT-PS150 Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Applied Motion Products...
PS150A24 AMP-PS150A24 Datasheet
574Kb / 2P
   PS150A24 Power Supply 150W/24V with PFC Function
PS150D24 AMP-PS150D24 Datasheet
844Kb / 4P
   DIN Rail Power Supply ??Industrial ??150W
logo
Pan Jit International I...
PS150R PANJIT-PS150R Datasheet
42Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes)
More results

Similar Description - PS150

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Wing Shing Computer Com...
1N5391 WINGS-1N5391 Datasheet
534Kb / 2P
   SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Pan Jit International I...
PS150R PANJIT-PS150R Datasheet
42Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
DAESAN ELECTRONIC CORP.
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151G DAESAN-RL151G Datasheet
316Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151 DAESAN-RL151 Datasheet
309Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER15X DAESAN-HER15X Datasheet
285Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR151G DAESAN-FR151G Datasheet
315Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
KB151 DAESAN-KB151 Datasheet
225Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com