Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66516FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M66516FP
Description  LASER-DIODE DRIVER/CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66516FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M66516FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66516FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66516FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66516FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66516FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66516FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66516FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66516FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66516FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
MITSUBISHI
〈DIGITAL ASSP〉
M66516FP
LASER-DIODE DRIVER/CONTROLLER
example, Vcc (min.) = 4.75 V and ILD(max.) = 150 mA, RO (max.)
= 8.3
Ω. Accordingly, if the resistances of RC 1 to RC 3 is se-
lected so as to gain a maximum laser drive current of 150mA,
RO should be 8.3
Ω at the maximum.
5. ENB Input
If laser current is controlled by the DATA input, the current
source circuit is in operation even with zero laser current. If
ENB input = “H”, all current source circuits go off including the
bias current source.
6. APC Operation
(1) Sample-hold circuit
The following are a conceptual diagram and function table of
the sample-hold circuit contained in the M66516.
4. RO Pin
A load resistor for laser drive current is connected to the RO
pin, through which a current almost equal to laser drive cur-
rent flows in(when DATA = “H”). A load resistor is connected
between the RO pin and Vcc to reduce power dissipated in
the IC.
Due to reasons related to the operation of circuits, the voltage
at this pin should be 3.5V or higher.
Consequently, the maximum resistance, RO (max.), of load
resistor RO is:
RO (max.) (
Ω) =
where ILD (max.) is the maximum of laser drive current. If, for
Conceptual Diagram: Sample-Hold Circuit
Output
Fixed to “L”
High impedance state (hold)
High impedance state (hold)
Constant current sourcing (sample)
Constant current sinking (sample)
Input
ENB
H
L
L
L
S/H
×
H
L
L
VM, Vr
×
×
×
VM < Vr
VM > Vr
Switch condition
SW1
OFF
OFF
OFF
ON
OFF
×: Don’t care
SW2
OFF
OFF
OFF
OFF
ON
DATA
×
×
H
L
Function Table
Vcc (min.) – 3.5 [V]
ILD (max.) [A]
Reference voltage
Vr
VM
Comparator
+ logic
Control circuit
S/H
Sample-hold control
input
ENB
SW1
SW2
CSH
External capacitor
Constant current
source for charging
Constant current
source for discharging
RM resistor voltage
difference
DATA
Switching data
Output


Similar Part No. - M66516FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510 MITSUBISHI-M66510 Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
M66510FP MITSUBISHI-M66510FP Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
M66512FP MITSUBISHI-M66512FP Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
More results

Similar Description - M66516FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M66515FP RENESAS-M66515FP Datasheet
173Kb / 12P
   Laser Diode Driver/Controller
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com